Electronic Components Datasheet Search
  English  ▼

X  

PE2PB1002 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PE2PB1002
Description  RF Coaxial GS Probe, 800 Micron Pitch, Up to 20 GHz, Cable Mount, 3.5mm Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2PB1002 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE2PB1002 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2PB1002 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2PB1002 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE2PB1002 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE2PB1002 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE2PB1002 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE2PB1002 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE2PB1002 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PROBE CONTACT WITH BOARD
(EXAMPLE INTERFACE SHOWN)
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
5
PE2PB1002 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: RF Coaxial GS Probe, 800 Micron Pitch, Up to 20 GHz, Cable Mount, 3.5mm Interface
PE2PB1002
RF Coaxial GS Probe, 800 Micron Pitch, Up to
20 GHz, Cable Mount, 3.5mm Interface
RF Microwave Probes Technical Data Sheet
PE2PB1002



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com