Electronic Components Datasheet Search
  English  ▼

X  

PD90FG80 Datasheet(PDF) 1 Page - SanRex Corporation

Part # PD90FG80
Description  THYRISTOR MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

PD90FG80 Datasheet(HTML) 1 Page - SanRex Corporation

  PD90FG80 Datasheet HTML 1Page - SanRex Corporation PD90FG80 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SanRex 50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
PK(PD,PE)90FG
THYRISTOR MODULE
Symbol
Item
Conditions
Ratings
90
Unit
IT(AV)
*Average On-state Current
IT(RMS)
*R.M.S. On-state Current
Single phase, half wave, 180
°conduction, Tc=82℃
Single phase, half wave, 180
°conduction, Tc=82℃
ITSM
*Surge On-state Current
I2t
*I2t
PGM
Peak Gate Power Dissipation
PG(AV)
Average Gate Power Dissipation
IFGM
Peak Gate Current
VFGM
Peak Gate Voltage (Forward)
1
/2 Cycle, 50/60HZ, Peak Value, non-repetitive
Value for one cycle surge current
A
140
A
2100/2300
A
22040
10
A2S
W
1
VRGM
Peak Gate Voltage (Reverse)
di/dt
Critical Rate of Rise of On-state Current
IG
=100mA,
VD
=1/2VDRM,
diG/dt
=0.1A/μs
Tj
*Operating Junction Temperature
Tstg
*Storage Temperature
Mounting
Torque
Mounting
(M5)
Terminal
(M5)
Mass
Recommended Value 1.5-2.5
(15-25)
Recommended Value 1.5-2.5
(15-25)
Typical Value
3
W
A
10
V
5
V
100
A/
μs
−40 to +125
℃
VISO
*Isolation Breakdown Voltage(R.M.S.)
A.C. 1minute
2500
V
−40 to +125
2.7
(28)
2.7
(28)
170
℃
N
・m
(㎏f・B)
g
Symbol
Item
Conditions
Ratings
25
Unit
IDRM
Repetitive Peak off-state Current,max
IRRM
*Repetitive Peak Reverse Current,max
Tj
=125℃,VD=VDRM
Tj
=125℃,VD=VDRM
VTM
*On-state Voltage,max
IGT
Gate Trigger Current,max
VGD
Gate Non-Trigger Voltage,min
dv/dt
Critical Rate of Rise of off-state Voltage,min
IT
=270A
VD
=6V,IT=1A
mA
25
mA
1.6
V
50
Tj
=125℃,VD=1/2VDRM
0.25
mA
VGT
Gate Trigger Voltage,max
VD
=6V,IT=1A
3
V
V
Tj
=125℃,VD=2/3VDRM
Rth
(j-c)*Thermal Impedance,max
Junction to case
1000
V/
μs
0.30
℃/W
■Electrical Characteristics
(Tj=25℃ unless otherwise specified)
■Maximum Ratings
(Tj=25℃ unless otherwise specified)
92.
0
20.
0 20.
0 20.
0
80.
0±0.
2
NAME PLATE
M5×10
2.
8
17.
5
4-#110TAB
2-φ6.
0
Unit
:A
●
IT(AV) 90A, IT(RMS) 140A, ITSM 2300A
●
di/dt 100A/
μs
●
dv/dt 1000V/
μs
(Applications)
Various rectifiers
AC/DC motor drives
Heater controls
Light dimmers
Static switches
Internal Configurations
Power Thyristor/Diode Module PK90FG series are designed for various rectifier circuits
and power controls. For your circuit application, following internal connections and wide
voltage ratings up to 1600V are available. and electrically isolated mounting base make
your mechanical design easy.
Symbol
Item
PK90FG40
PD90FG40
PE90FG40
Ratings
PK90FG120
PD90FG120
PE90FG120
Unit
VRRM
*Repetitive Peak Reverse Voltage
400
1200
V
480
1300
V
400
PK90FG80
PD90FG80
PE90FG80
800
960
800
1200
PK90FG160
PD90FG160
PE90FG160
1600
1700
1600
V
VRSM
VDRM
*Non-Repetitive Peak Reverse Voltage
*Repetitive Peak off-state Voltage
*mark:Thyristor and Diode part. No mark:Thyristor part
UL;E76102
(M)
K1
(A2)
(K2)
A1K2
G1
K2
G2
1
2
3
PK
K1
(A2)
(K2)
A1K2
K2
G2
1
2
3
PE
K1
(A2)
(K2)
A1K2
G1
K2
1
2
3
PD


Similar Part No. - PD90FG80

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PD90F120 ETC-PD90F120 Datasheet
121Kb / 2P
THYRISTOR MODULE
PD90F160 ETC-PD90F160 Datasheet
121Kb / 2P
THYRISTOR MODULE
PD90F40 ETC-PD90F40 Datasheet
121Kb / 2P
THYRISTOR MODULE
PD90F80 ETC-PD90F80 Datasheet
121Kb / 2P
THYRISTOR MODULE
More results

Similar Description - PD90FG80

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMTT-500I SEMPO-SMTT-500I Datasheet
353Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-300 SEMPO-SMTT-300 Datasheet
46Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-250H SEMPO-SMTT-250H Datasheet
105Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-90I SEMPO-SMTT-90I Datasheet
51Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-90H SEMPO-SMTT-90H Datasheet
43Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-70I SEMPO-SMTT-70I Datasheet
51Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-50I SEMPO-SMTT-50I Datasheet
51Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTD-800I SEMPO-SMTD-800I Datasheet
81Kb / 1P
THYRISTOR-THYRISTOR MODULE
logo
Naina Semiconductor ltd...
70NTT NAINA-70NTT Datasheet
125Kb / 2P
Thyristor - Thyristor Module
160NTT NAINA-160NTT Datasheet
117Kb / 2P
Thyristor - Thyristor Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com