Electronic Components Datasheet Search
  English  ▼

X  

PE3320LF Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3320LF
Description  CABLE ASSEMBLY, RG58C/U, N MALE TO N FEMALE BULKHEAD (LEAD FREE)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3320LF Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3320LF Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
N MALE
RG58C/U
N FEMALE BULKHEAD
PE3320LF-XX
CABLE ASSEMBLY, RG58C/U, N MALE TO N
FEMALE BULKHEAD (LEAD FREE)
50 OHM
50 OHM
50 OHM
N MALE
N FEMALE
BULKHEAD
SCALE N/A
DWG TITLE
CAD FILE
147
FSCM NO. 53919
REV. A
DES.
NOTES:
1. UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL.
2. ALL SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE AT ANY TIME.
021308
SIZE A
3. DIMENSIONS ARE IN INCHES.
4. LENGTH TOLERANCE IS ± 1.5% OR 10mm, WHICHEVER IS GREATER.
Standard Lengths
-12
-24
-36
-48
-60
-XXX
12''
24"
36"
48"
60"
Custom Length in inches
COMPONENTS
IMPEDANCE


Similar Part No. - PE3320LF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3320 PASTERNACK-PE3320 Datasheet
283Kb / 1P
CABLE ASSEMBLY, RG58C/U, N MALE TO N FEMALE BULKHEAD
logo
Pletronics, Inc.
PE3320BEV PLETRONICS-PE3320BEV Datasheet
135Kb / 8P
PE3XB Series 3.3 V PECL Clock Oscillators
PE3320BEW PLETRONICS-PE3320BEW Datasheet
168Kb / 9P
PE3XB Series 2.5 V PECL Clock Oscillators
PE3320BW PLETRONICS-PE3320BW Datasheet
168Kb / 9P
PE3XB Series 2.5 V PECL Clock Oscillators
More results

Similar Description - PE3320LF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3013LF PASTERNACK-PE3013LF Datasheet
153Kb / 1P
CABLE ASSEMBLY RG58C/U SMA MALE TO N FEMALE BULKHEAD(LEAD FREE)
PE3407LF PASTERNACK-PE3407LF Datasheet
240Kb / 1P
CABLE ASSEMBLY RG58C/U N MALE RIGHT ANGLE TO N FEMALE BULKHEAD(LEAD FREE)
PE3714LF PASTERNACK-PE3714LF Datasheet
273Kb / 1P
CABLE ASSEMBLY, RG58C/U, N MALE TO N FEMALE (LEAD FREE)
PE3013LF-12 PASTERNACK-PE3013LF-12 Datasheet
153Kb / 1P
cable assembly, rg58c/u, sma male to n female bulkhead (lead free)
PE3013LF-18 PASTERNACK-PE3013LF-18 Datasheet
153Kb / 1P
cable assembly, rg58c/u, sma male to n female bulkhead (lead free)
PE3013LF-24 PASTERNACK-PE3013LF-24 Datasheet
153Kb / 1P
cable assembly, rg58c/u, sma male to n female bulkhead (lead free)
PE3013LF-36 PASTERNACK-PE3013LF-36 Datasheet
164Kb / 1P
cable assembly, rg58c/u, sma male to n female bulkhead (lead free)
PE3013LF-48 PASTERNACK-PE3013LF-48 Datasheet
153Kb / 1P
cable assembly, rg58c/u, sma male to n female bulkhead (lead free)
PE3013LF-60 PASTERNACK-PE3013LF-60 Datasheet
153Kb / 1P
cable assembly, rg58c/u, sma male to n female bulkhead (lead free)
PE3013LF-72 PASTERNACK-PE3013LF-72 Datasheet
153Kb / 1P
cable assembly, rg58c/u, sma male to n female bulkhead (lead free)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com