Electronic Components Datasheet Search
  English  ▼

X  

PE45402 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE45402
Description  1.85mm Female Connector Clamp/Solder (Captive Contact) Attachment End Launch PCB, Removable End Launch, 0.35 Width
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45402 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE45402 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45402 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45402 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45402 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE45402 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE45402 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
4
Typical Performance Data
1.0
1.1
1.3
1.4
1.6
1.7
1.8
2.0
2.1
2.3
2.4
0
10
19
29
38
48
57
67
GHz
VSWR
-8.0
-7.2
-6.4
-5.6
-4.8
-4.0
-3.2
-2.4
-1.6
-0.8
0.0
0
10
19
29
38
48
57
67
dB
GHz
Insertion Loss
PE45402 REV 1.2
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 1.85mm Female Connector Clamp/Solder (Captive Contact) Attachment End Launch PCB,
Removable End Launch, 0.35 Width PE45402
RF Connectors Technical Data Sheet
PE45402
1.85mm Female Connector Clamp/Solder (Captive Contact)
Attachment End Launch PCB, Removable End Launch, 0.35 Width



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com