Electronic Components Datasheet Search
  English  ▼

X  

OP593 Datasheet(PDF) 1 Page - TT Electronics.

Part # OP593
Description  NPN Plastic Silicon Phototransistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP593 Datasheet(HTML) 1 Page - TT Electronics.

  OP593 Datasheet HTML 1Page - TT Electronics. OP593 Datasheet HTML 2Page - TT Electronics. OP593 Datasheet HTML 3Page - TT Electronics. OP593 Datasheet HTML 4Page - TT Electronics. OP593 Datasheet HTML 5Page - TT Electronics. OP593 Datasheet HTML 6Page - TT Electronics. OP593 Datasheet HTML 7Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
NPN Plastic Silicon
Phototransistor
OP593, OP598, OP793, OP798 Series
© TT electronics plc
Issue A
08/2016
Page 1
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
Each device in this series consists of an NPN silicon phototransistor molded in a dark blue epoxy packages. The wide
receiving angle (130°) of the OP593 and OP793 series devices provides rela vely even recep on over a large area. The
narrow receiving angle (25°) of the OP598 and OP798 series devices provides a rela vely small recep on area.
These devices are 100% produc on tested using infrared light for close correla on with OPTEK’s GaAs and GaAIAs emi ers.
Please refer to Applica on Bulle ns 208 and 210 for addi onal design informa on and reliability (degrada on) data.
Applications:
• Non-contact reflec ve or slo ed sensor
• Assembly line automa on
• Machine automa on
• Machine Safety
• End of travel sensor
• Door sensor
• Safety Curtain
Features:
• Dark blue epoxy package
• Wide receiving angle
• Variety of sensi vity ranges
• TO-18 equivalent package style
OP593
OP793
OP598
OP798
1
2
Pin #
Sensor
1
Collector
2
Emi er
INCHES
[MILLIMETERS]
DIMENSIONS ARE IN:
OP555 - CONTAINS POLYSULFONE
To avoid stress cracking, we suggest using
ND Industries’ Vibra-Tite for thread-locking.
Vibra-Tite evaporates fast without causing structural failure in
OPTEK'S molded plas cs.
OP598, OP798
OP593, OP793
Ordering Informa on
Part Number
Sensor
Viewing Angle
Lead Length
OP593A
Transistor
130°
0.75”
OP593B
OP593C
OP598A
25°
OP598B
OP598C
OP793A
130°
OP793B
OP793C
OP793D
OP798A
25°
OP798B
OP798C
OP798D
RBE
Transistor
RoHS


Similar Part No. - OP593

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP593 OPTEK-OP593 Datasheet
470Kb / 4P
NPN PLASTIC SILICON PHOTOTRANSISTORS
OP593 OPTEK-OP593 Datasheet
474Kb / 4P
NPN Plastic Silicon Photortansistors Types OP593, OP598 Series
OP593A OPTEK-OP593A Datasheet
474Kb / 4P
NPN Plastic Silicon Photortansistors Types OP593, OP598 Series
More results

Similar Description - OP593

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
QSC112 QT-QSC112 Datasheet
155Kb / 2P
PLASTIC SILICON PHOTOTRANSISTOR
QSD122 QT-QSD122 Datasheet
159Kb / 2P
PLASTIC SILICON PHOTOTRANSISTOR
QSD128 QT-QSD128 Datasheet
82Kb / 2P
PLASTIC SILICON PHOTOTRANSISTOR
QSD422 QT-QSD422 Datasheet
153Kb / 2P
PLASTIC SILICON PHOTOTRANSISTOR
QSD722 QT-QSD722 Datasheet
155Kb / 2P
PLASTIC SILICON PHOTOTRANSISTOR
logo
Vishay Siliconix
TEKT5400S VISHAY-TEKT5400S Datasheet
166Kb / 7P
Silicon NPN Phototransistor
24-May-02
BPW17N VISHAY-BPW17N_05 Datasheet
348Kb / 7P
Silicon NPN Phototransistor
08-Mar-05
BPW17N VISHAY-BPW17N_08 Datasheet
91Kb / 5P
Silicon NPN Phototransistor,
08-Sep-08
BPW96B VISHAY-BPW96B Datasheet
109Kb / 5P
Silicon NPN Phototransistor
05-Sep-08
VEMT2523SLX01 VISHAY-VEMT2523SLX01 Datasheet
135Kb / 6P
Silicon NPN Phototransistor
05-Apr-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com