Electronic Components Datasheet Search
  English  ▼

X  

OP550B Datasheet(PDF) 4 Page - TT Electronics.

Part # OP550B
Description  NPN Silicon Phototransistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP550B Datasheet(HTML) 4 Page - TT Electronics.

  OP550B Datasheet HTML 1Page - TT Electronics. OP550B Datasheet HTML 2Page - TT Electronics. OP550B Datasheet HTML 3Page - TT Electronics. OP550B Datasheet HTML 4Page - TT Electronics. OP550B Datasheet HTML 5Page - TT Electronics. OP550B Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
OP550, OP552, OP555, OP560, OP565,
OP750 Series
Issue A
08/2016
Page 4
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Electrical Specifications
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
IC(ON)
On-State Collector Current
OP550A, OP555A
OP550B, OP555B
OP550C, OP555C
OP550D, OP552D
2.55
1.30
0.25
0.25
-
-
-
-
-
4.70
2.40
-
mA
VCE = 5.0 V, EE = 1.0 mW/cm
2(3)
OP560A
OP565B
OP560C
6.6
3.3
1.1
-
-
-
-
9.8
-
VCE = 2.0 V, EE = 0.1 mW/cm
2(3)
OP750A
OP750B
OP750D
2.25
1.50
0.85
-
-
-
7.00
4.20
7.00
VCE = 5.0 V, EE = 1.0 mW/cm
2(3)
OP770A
2.25
-
7.00
IC/∆ T
Relative IC Charge with Temperature
-
1.00
-
%/°C
VCE = 5.0 V, EE = 1.0 mW/cm
2
, λ = 935 nm
ICEO
Collector-Dark Current
-
-
100
nA
VCE = 10.0 V, EE = 0
(4)
V(BR)CEO
Collector-Emitter Breakdown Voltage
OP550, OP552, OP555, OP750, OP770
OP560, OP565
30
15
-
-
-
-
V
IC = 100 µA, EE = 0
(4)
IC = 1 mA, EE = 0
(4)
V(BR)ECO
Emitter-Collector Breakdown Voltage
5.0
-
-
V
IE = 100 µA
VCE(SAT)
Collector-Emitter Saturation Voltage
OP550, OP552, OP555, OP750, OP770
OP560, OP565
-
-
-
-
0.40
1.10
V
IC = 100 µA, EE = 1.0 mW/cm
2(3)
IC = 0.4 mA, EE = 0.1 mW/cm
2(3)
See page 2 for Notes



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com