Electronic Components Datasheet Search
  English  ▼

X  

OPL810 Datasheet(PDF) 4 Page - TT Electronics.

Part # OPL810
Description  Photologic Hermetic Sensors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPL810 Datasheet(HTML) 4 Page - TT Electronics.

  OPL810 Datasheet HTML 1Page - TT Electronics. OPL810 Datasheet HTML 2Page - TT Electronics. OPL810 Datasheet HTML 3Page - TT Electronics. OPL810 Datasheet HTML 4Page - TT Electronics. OPL810 Datasheet HTML 5Page - TT Electronics. OPL810 Datasheet HTML 6Page - TT Electronics. OPL810 Datasheet HTML 7Page - TT Electronics. OPL810 Datasheet HTML 8Page - TT Electronics. OPL810 Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Issue A
08/2016
Page 4
TT Electronics | OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
sensors@ttelectronics.com | www.ttelectronics.com
OPL800, OPL800-OC, OPL801, OPL801-OC, OPL810,
OPL810-OC, OPL811, OPL811-OC, OPL812-OC, OPL813-
OC, OPL820, OPL820-OC, OPL821-OC
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
OPB800/801/810/811 and OPB800-OC Series
Input Diode
Operating Temperature Range
OPL800, OPL801
OPL810, OPL811
OPL820
-55° C to +110° C
-55° C to +105° C
-40° C to +100° C
Storage Temperature Range
OPL800, OPL801
OPL810, OPL811
OPL820
-65° C to +150° C
-65° C to +125° C
-55° C to +125° C
Lead Soldering Temperature [1/16 inch (1.6mm) from the case for 5 sec. with soldering iron]
260°C
(1)
Input Infrared LED
Supply Voltage, VCC (not to exceed 3 seconds)
OPL800, OPL801
OPL810, OPL811, OPL820
10 V
18 V
Sourcing Current
OPL810, OPL811
10 mA
Output Voltage (high state)
OPL800, OPL801, OPL810, OPL811
OPL810, OPL811
OPL820
35 V
50 mA
30 V
Output Current Sink (low state)
OPL810, OPL811
OPL820
50 mA
16 mA
Irradiance
OPL800, OPL801
OPL810, OPL810-OC, OPL811, OPL811-OC
OPL812, OPL812-OC, OPL813, OPL813-OC
3 mW/cm
2
2 mW/cm
2
1 mW/cm
2
Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com