Electronic Components Datasheet Search
  English  ▼

X  

MSK5021 Datasheet(PDF) 2 Page - Anaren Microwave

Part # MSK5021
Description  HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

MSK5021 Datasheet(HTML) 2 Page - Anaren Microwave

  MSK5021 Datasheet HTML 1Page - Anaren Microwave MSK5021 Datasheet HTML 2Page - Anaren Microwave MSK5021 Datasheet HTML 3Page - Anaren Microwave MSK5021 Datasheet HTML 4Page - Anaren Microwave MSK5021 Datasheet HTML 5Page - Anaren Microwave MSK5021 Datasheet HTML 6Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Input Voltage Range
Output Settling Time
Fault Output Sink Current Range
Fault Output Voltage
IOUT= 0A
IOUT=20A
VIN=VOUT+1V
0A ≤ IOUT ≤ 10A
(VOUT +1V) ≤ VIN ≤ (VOUT+15V)
IOUT=0A
f=120Hz
Junction to Case @ 125°C
To within 10mV (IOUT=0A)
HIGH
LOW
HIGH
HIGH
LOW
Ripple Rejection
Thermal Resistance
IOUT=0A; VIN=VOUT+1V
VEN=5V; VIN=VOUT+1V; IOUT=0A
VEN=0V; VIN=VOUT+1V; IOUT=0A
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK5021
MSK5021B Series
Typ.
-
±0.5
-
1.24
-
0.002
0.5
±0.5
-
±0.5
-
20
-
10
-
45
0.8
1.2
1.2
20
10
0.5
VIN
0.09
-
VIN
VEN
IOUT
TJ
Input Voltage
Enable Voltage
Output Current
Junction Temperature
TST
TLD
TC
ABSOLUTE MAXIMUM RATINGS
Group A
Subgroup
-
1
2,3
1
2,3
1
1
1
2,3
1
2,3
1
2,3
1
2,3
-
-
1
1
1
1
-
-
-
-
V
%
%
V
V
V
V
%
%
%
%
mA
mA
μA
μA
dB
°C/W
V
V
μA
μA
mS
V
V
mA
Parameter
MSK 5021
MSK 5021B
ELECTRICAL SPECIFICATIONS
1
Test Conditions
Min.
3
-
-
1.222
1.211
-
-
-
-
-
-
-
-
-
-
2.4
-
-
-
-
-
-
1
-
-
Typ.
-
±0.5
±1.0
1.235
-
0.002
0.50
±0.5
±0.5
±0.5
±0.5
20
20
10
10
45
0.8
1.2
1.2
20
10
0.5
VIN
0.09
-
Max.
36
±1.0
±2.0
1.248
1.259
0.010
0.75
±1.0
±2.0
±1.0
±1.0
30
30
50
50
-
1.0
-
0.8
50
25
-
-
-
10
Min.
3
-
-
1.21
-
-
-
-
-
-
-
-
-
-
-
-
-
2.4
-
-
-
-
-
-
1
Max.
36
±1.0
-
1.26
-
0.010
1.0
±1.0
-
±1.0
-
30
-
50
-
-
1.0
-
0.8
50
25
-
-
-
10
Units
3
2
1
2
3
4
5
6
7
8
9
10
NOTES:
Output decoupled to ground using 33μF minimum capacitor and RSC=0Ω unless otherwise specified.
This parameter is guaranteed by design but need not be tested. Typical parameters are representative of actual device
performance but are for reference only.
All output parameters are tested using a low duty cycle pulse to maintain TJ = TC.
Industrial grade devices shall be tested to subgroup 1 only unless otherwise specified.
Military grade devices ('B' suffix) shall be 100% tested to subgroups 1,2 and 3.
Subgroup 1
Subgroup 2
Subgroup 3
After application of enable pulse.
Fault pin connected to VIN through a 5.1KΩ resistor for VIN=5.0V.
Does not include tolerance effects from external resistor
Continuous operation at or above absolute maximum ratings may adversly effect the device performance and/or life cycle.
TA=TC=+25°C
TA=TC=+125°C
TC=TC=-55°C
LOW
2
2
2
Rev. H 3/11
2
36V
-0.3V to 36V
20A within SOA
+175°C
-65°C to +150°C
300°C
-40°C to +85°C
-55°C to +125°C
2
2
2
9
Quiescent Current
Output Voltage Tolerance
VAdjust Voltage
Dropout Voltage
Load Regulation
Line Regulation
2
2 9
Enable Input Voltage
Enable Input Current
7
IFAULT=1mA
8
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com