Electronic Components Datasheet Search
  English  ▼

X  

DS175 Datasheet(PDF) 17 Page - Lumileds Lighting Company

Part # DS175
Description  Automotive forward lighting source
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS175 Datasheet(HTML) 17 Page - Lumileds Lighting Company

Back Button DS175 Datasheet HTML 13Page - Lumileds Lighting Company DS175 Datasheet HTML 14Page - Lumileds Lighting Company DS175 Datasheet HTML 15Page - Lumileds Lighting Company DS175 Datasheet HTML 16Page - Lumileds Lighting Company DS175 Datasheet HTML 17Page - Lumileds Lighting Company DS175 Datasheet HTML 18Page - Lumileds Lighting Company DS175 Datasheet HTML 19Page - Lumileds Lighting Company DS175 Datasheet HTML 20Page - Lumileds Lighting Company DS175 Datasheet HTML 21Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
DS175 LUXEON Altilon SMD Product Datasheet 20171211 ©2017 Lumileds Holding B.V. All rights reserved.
16
Reflow Soldering Guidelines
Table 7. Reflow profile characteristics for LUXEON Altilon SMD.
PrOFIlE FEATUrE
lEAd FrEE AssEMBly
Preheat Minimum Temperature (T
smin)
150°C
Preheat Maximum Temperature (T
smax)
200°C
Preheat Time (t
smin to tsmax)
60 to 180 seconds
Ramp-Up Rate (T
smax to Tp)
3°C / second maximum
Liquidus Temperature (T
L)
217°C
Time Maintained Above Temperature T
L (tL)
60 to 150 seconds
Peak / Classification Temperature (T
p)
260°C
Time Within 5°C of Actual Temperature (t
p)
20 to 40 seconds
Ramp-Down Rate
6°C / second maximum
Time 25°C to Peak Temperature
8 minutes maximum
Notes for Table 7:
1. All temperatures refer to the application Printed Circuit Board (PCB), measured on the surface adjacent to the package body.
JEDEC Moisture Sensitivity
Table 8. Moisture sensitivity levels for LUXEON Altilon SMD.
lEVEl
FlOOr lIFE
TIME
cOndITIOns
1
Unlimited
≤30°C / 85% RH
Figure 12. Visualization of the acceptable reflow temperature profile as specified in Table 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com