Electronic Components Datasheet Search
  English  ▼

X  

ROS-1000V Datasheet(PDF) 1 Page - Mini-Circuits

Part # ROS-1000V
Description  Voltage Controlled Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ROS-1000V Datasheet(HTML) 1 Page - Mini-Circuits

  ROS-1000V Datasheet HTML 1Page - Mini-Circuits ROS-1000V Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits
®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Surface Mount
ROS-1000V+
Maximum Ratings
Operating Temperature
-55°C to 85°C
Storage Temperature
-55°C to 100°C
Absolute Max. Supply Voltage (Vcc)
+6V
Absolute Max. Tuning Voltage (Vtune)
+15V
RF OUT
10
VCC
14
V-TUNE
2
GROUND
1,3,4,5,6,7,8,9,11,12,13,15,16
Pin Connections
REV. F
M151108
ED-8330/2
ROS-1000V+
RAV/MCL
151105
Page 1 of 2
Outline Dimensions (
)
inch
mm
Outline Drawing
Suggested Layout,
Tolerance to be within±.002
PCB Land Pattern
Demo Board MCL P/N: TB-10
Suggested PCB Layout (PL-012)
Voltage Controlled Oscillator
Linear Tuning
900 to 1000 MHz
Features
• low phase noise, -102 dBc/Hz at 10 KHz offset, typ.
• linear tuning sensitivity, 12-16 MHz/V typ.
• 5V power supply
• aqueous washable
• protected by US patent 6,424,241
Applications
• radio
• cellular
FREQUENCY
(MHz)
POWER
OUTPUT
(dBm)
TUNING
VOLTAGE
(V)
PHASE NOISE
(dBc/Hz)
SSB at offset frequencies:
Typ.
PULLING
pk-pk
@ 12 dBr
(MHz)
PUSHING
(MHz/V)
TUNING
SENSITIVITY
(MHz/V)
HARMONICS
(dBc)
3 dB
MODULATION
BANDWIDTH
(MHz)
DC
OPERATING
POWER
Vcc
(volts)
Current
(mA)
Max.
Min.
Max.
Typ.
Min.
Max.
1
kHz
10
kHz
100
kHz
1
MHz
Typ.
Typ.
Typ.
Typ.
Max.
Typ.
900
1000
0
0.5
12
-74
-102
-122
-140
1.0
0.4
12-16
-30
-20
8.0
5
25
A
B
C
DE
F
G
H
J
K
L
M
N
P
Q
RS
T
wt.
.500
.500
.180
.100
.080
.115
.060
.040
.540
.060
.100
.135
.135
.115
.140
.070
.150
.070 grams
12.70 12.70
4.57
2.54
2.03
2.92
1.52
1.02 13.72
1.52
2.54
3.43
3.43
2.92
3.56
1.78
3.81
1.78
1.0
all specifications: 50 ohm system
Permanent damage may occur if any of these limits are exceeded.
CASE STYLE: CK605
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - ROS-1000V

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ROS-1000PV MINI-ROS-1000PV Datasheet
237Kb / 2P
Surface Mount Voltage Controlled Oscillator
ROS-1000PV+ MINI-ROS-1000PV+ Datasheet
237Kb / 2P
Surface Mount Voltage Controlled Oscillator
More results

Similar Description - ROS-1000V

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
CLV0436A-LF ZCOMM-CLV0436A-LF Datasheet
71Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0698A-LF ZCOMM-CLV0698A-LF Datasheet
68Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0787E-LF ZCOMM-CLV0787E-LF Datasheet
46Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0815E-LF ZCOMM-CLV0815E-LF Datasheet
63Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0945A-LF ZCOMM-CLV0945A-LF Datasheet
67Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV1052M-LF ZCOMM-CLV1052M-LF Datasheet
63Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
Z-Communications, Inc
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com