Electronic Components Datasheet Search
  English  ▼

X  

M54972 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M54972
Description  Bi-CMOS 8-BIT SERIAL-INPUT LATCHED DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54972 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M54972 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54972 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54972 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54972 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M54972 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M54972 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Bi-CMOS 8-BIT SERIAL-INPUT LATCHED DRIVER
M54972P/FP
MITSUBISHI <CONTROL / DRIVER IC>
TYPICAL CHARACTERISTICS (VCC=5V, Ta=25
°C, unless otherwise noted)
3
–
1
7
8
6
Duty cycle vs. allowable output current
(M54972FP)
Duty cycle vs. allowable output current
(M54972P)
Duty cycle vs. allowable output current
(M54972FP)
Thermal derating
(Absolute maximum rating)
0
0
0.5
1.0
1.5
25
50
75
100
VCC vs. ICC
0
35
8
20
100
0
20
40
60
80
100
Duty cycle (%)
0
300
0
20
40
60
80
100
Duty cycle (%)
0
300
400
Duty cycle vs. allowable output current
(M54972P)
200
100
46
7
40
60
80
200
100
M54972P
8 Outputs ON
7 Outputs ON
6 Outputs ON
5 Outputs ON
4 Outputs ON
2 Outputs ON
1 Output ON
0
20
40
60
80
100
Duty cycle (%)
0
300
0
20
40
60
80
100
Duty cycle (%)
0
300
400
200
100
200
100
Ta = 75
°C, VCC = 6V
Repetitive frequency >10HZ
Each figure in a circle shows
the number of output circuits which
operate simultaneously.
Current value : output current per circuit
M54972FP
Ta = 75
°C, VCC = 6V
Repetitive frequency >10HZ
Each figure in a circle shows the number
of output circuits which operate
simultaneously.
Current value : output current per circuit
Ta = 25
°C, VCC = 6V
Repetitive frequency >10HZ
Each figure in a circle shows the number
of output circuits which operate
simultaneously.
Current value : output current per circuit
Ta = 25
°C, VCC = 6V
Repetitive frequency >10HZ
Each figure in a circle shows the number
of output circuits which operate
simultaneously.
Current value : output current per circuit
Ambient temperature Ta (
°C)
CC
(V)
–
1
7
8
4
5
6
3
1
8
4
6
2
–
1
8
3
6
5
4
3 Outputs ON
Supplyvoltage V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com