Electronic Components Datasheet Search
  English  ▼

X  

IRF520 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IRF520
Description  Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF520 Datasheet(HTML) 2 Page - Vishay Siliconix

  IRF520 Datasheet HTML 1Page - Vishay Siliconix IRF520 Datasheet HTML 2Page - Vishay Siliconix IRF520 Datasheet HTML 3Page - Vishay Siliconix IRF520 Datasheet HTML 4Page - Vishay Siliconix IRF520 Datasheet HTML 5Page - Vishay Siliconix IRF520 Datasheet HTML 6Page - Vishay Siliconix IRF520 Datasheet HTML 7Page - Vishay Siliconix IRF520 Datasheet HTML 8Page - Vishay Siliconix IRF520 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
Document Number: 91017
2
S11-0511-Rev. B, 21-Mar-11
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IRF520, SiHF520
Vishay Siliconix
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Pulse width
 300 μs; duty cycle  2 %.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
RthJA
-62
°C/W
Case-to-Sink, Flat, Greased Surface
RthCS
0.50
-
Maximum Junction-to-Case (Drain)
RthJC
-2.5
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
100
-
-
V
VDS Temperature Coefficient
V
DS/TJ
Reference to 25 °C, ID = 1 mA
-
0.13
-
V/°C
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
2.0
-
4.0
V
Gate-Source Leakage
IGSS
VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 100 V, VGS = 0 V
-
-
25
μA
VDS = 80 V, VGS = 0 V, TJ = 150 °C
-
-
250
Drain-Source On-State Resistance
RDS(on)
VGS = 10 V
ID = 5.5 Ab
--
0.27
Forward Transconductance
gfs
VDS = 50 V, ID = 5.5 Ab
2.7
-
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = 25 V,
f = 1.0 MHz, see fig. 5
-
360
-
pF
Output Capacitance
Coss
-
150
-
Reverse Transfer Capacitance
Crss
-34
-
Total Gate Charge
Qg
VGS = 10 V
ID = 9.2 A, VDS = 80 V,
see fig. 6 and 13b
--
16
nC
Gate-Source Charge
Qgs
--
4.4
Gate-Drain Charge
Qgd
--
7.7
Turn-On Delay Time
td(on)
VDD = 50 V, ID = 9.2 A,
Rg = 18 , RD = 5.2, see fig. 10b
-8.8
-
ns
Rise Time
tr
-30
-
Turn-Off Delay Time
td(off)
-19
-
Fall Time
tf
-20
-
Internal Drain Inductance
LD
Between lead,
6 mm (0.25") from
package and center of
die contact
-4.5
-
nH
Internal Source Inductance
LS
-7.5
-
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
9.2
A
Pulsed Diode Forward Currenta
ISM
--
37
Body Diode Voltage
VSD
TJ = 25 °C, IS = 9.2 A, VGS = 0 Vb
--
1.8
V
Body Diode Reverse Recovery Time
trr
TJ = 25 °C, IF = 9.2 A, dI/dt = 100 A/μsb
-
110
260
ns
Body Diode Reverse Recovery Charge
Qrr
-
0.53
1.3
μC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
D
S
G
S
D
G



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com