Electronic Components Datasheet Search
  English  ▼

X  

MSK4201B Datasheet(PDF) 2 Page - Anaren Microwave

Part # MSK4201B
Description  75 VOLT 5 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

MSK4201B Datasheet(HTML) 2 Page - Anaren Microwave

  MSK4201B Datasheet HTML 1Page - Anaren Microwave MSK4201B Datasheet HTML 2Page - Anaren Microwave MSK4201B Datasheet HTML 3Page - Anaren Microwave MSK4201B Datasheet HTML 4Page - Anaren Microwave MSK4201B Datasheet HTML 5Page - Anaren Microwave MSK4201B Datasheet HTML 6Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Max.
1.8
2.4
1.2
2.1
2.0
2.2
240
25
250
25
15
18
18
18
2.7
240
128
54
255
-
-
Typ.
1.5
-
-
1.0
-
-
-
-
-
-
12
11
-
-
1.5
160
85
36
170
100
P/F
Typ.
1.5
2.2
1.1
1.0
0.9
1.1
-
-
-
-
12
11
11
11
1.5
160
85
36
170
100
P/F
V
V
V
V
V
V
nS
uA
uA
uA
V
mA
mA
mA
V
nS
nS
nS
nS
nS
-
OUTPUT CHARACTERISTICS
VDS(ON) Voltage (Each MOSFET)
Instantaneous Forward Voltage, Each MOSFET
(Intrinsic Diode)
Reverse Recovery Time (Intrinsic Diode)
Leakage Current, Each MOSFET
VCC SUPPLY CHARACTERISTICS
VCC Supply Voltage Range
Quiescent Logic Current
INPUT SIGNALS CHARACTERISTICS
Threshold Voltage
SWITCHING CHARACTERISTICS
Turn-On Propagation Delay (Includes Deadtime)
Turn-Off Propagation Delay
Rise-Time
Fall-Time
Dead-Time
Disable Function
ID=5A
IS=5A
V+=70V
V+=70V
V+=70V
VCC=12V
(non-switching)
VCC=12V
V+=28V, VCC=12V, IC=2A
75V
16V
5A
37A
GND-2V min. To V+ max.
2.3°C/W
High Voltage Supply
Logic Supply
Continuous Output Current
Peak Output Current
Output Voltage Range
Thermal Resistance @ 125°C Case
(Output Switches)
1
2
3
1
2
3
-
1
2
3
-
1
2
3
1,2,3
-
-
-
-
-
7
ABSOLUTE MAXIMUM RATINGS
V+
VCC
IOUT
IPK
VOUT
θJC
-65°C to +150°C
300°C
-40°C to +125°C
-55°C to +125°C
+175°C
MSK4201B
MSK4201
Parameter
Test Conditions
ELECTRICAL SPECIFICATIONS
Units
Min.
-
-
-
-
-
-
-
-
-
-
10
-
-
-
0.8
-
-
-
-
-
-
Max.
2.16
-
-
2.2
-
-
240
30
-
-
15
21
-
-
2.7
-
-
-
-
-
-
Min.
-
-
-
-
-
-
-
-
-
-
10
-
-
-
0.8
-
-
-
-
-
-
1
2
3
4
5
6
7
8
9
NOTES:
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK4201
MSK4201B
Junction Temperature
TST
TLD
TC
TJ
1
1
Group A
Subgroup
5
3
2
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Industrial grade devices shall be tested to subgroup 1 unless otherwise specified.
Military grade devices ("B" suffix) shall be 100% tested to subgroups 1,2,3 and 7.
Subgroups 5 and 6 testing available upon request.
Subgroup 1,4
TA=TC= +25°C
2
TA=TC= +125°C
3
TA=TC= -55°C
Continuous operation at or above absolute maximum ratings may adversely effect the device performance and/or life cycle.
When applying power to the device, apply the low voltage followed by the high voltage or alternatively, apply both at the
same time. Do not apply high voltage without low voltage present.
Internal solder reflow temperature is 180°C, do not exceed.
Reference DLA SMD 5962-97629 for electrical specification for devices purchased as such.
All Ratings: Tc= +25°C Unless Otherwise Specified
1
2
6
7
8548-116 Rev. F 3/14
1
1
dis
DIS>3.6V
8



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com