Electronic Components Datasheet Search
  English  ▼

X  

MSK5032H Datasheet(PDF) 2 Page - Anaren Microwave

Part # MSK5032H
Description  4.5A,500KHz STEP DOWN SWITCHING REGULATOR CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

MSK5032H Datasheet(HTML) 2 Page - Anaren Microwave

  MSK5032H Datasheet HTML 1Page - Anaren Microwave MSK5032H Datasheet HTML 2Page - Anaren Microwave MSK5032H Datasheet HTML 3Page - Anaren Microwave MSK5032H Datasheet HTML 4Page - Anaren Microwave MSK5032H Datasheet HTML 5Page - Anaren Microwave MSK5032H Datasheet HTML 6Page - Anaren Microwave MSK5032H Datasheet HTML 7Page - Anaren Microwave MSK5032H Datasheet HTML 8Page - Anaren Microwave MSK5032H Datasheet HTML 9Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Input Voltage (VIN)
Output Current
BOOST Voltage
BOOST Above Input Voltage
SHDN Pin Voltage
FB Pin Voltage
FB Pin Current
Power Dissipation
Junction Temperature
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK5032
MSK5032H
16V
4.5A
30V
15V
7V
3.5V
1mA
14W
+150°C
-65°C to +150°C
300°C
-40°C to +85°C
-55°C to +125°C
ABSOLUTE MAXIMUM RATINGS
PD
TJ
TST
TLD
TC
VIN
IOUT
FB
ELECTRICAL SPECIFICATIONS
7
1
2
3
4
5
6
7
8
9
10
Unless otherwise specified VIN=5V, VC=1.5V, BOOST=VIN+5V.
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Industrial grade devices shall be tested to subgroup 1 unless otherwise specified.
Military grade devices "H" shall be 100% tested to subgroups 1,2,3 and 4.
Subgroup 5 & 6 testing available on request.
Subgroup 1,4
TC=+25°C
Subgroup 2,5
TC=+125°C
Subgroup 3,6
TC=-55°C
Continuous operation at or above absolute maximum ratings may adversely effect the device performance and/or life cycle.
The absolute maximum current of 4.5A applies for duty cycles of 0.75 or lower.
De-rate linearly from 4.5A at D=0.75 to 3.375A at D=100.
The internal case temperature must not exceed 175°C under any conditions.
Internal solder reflow temperature is 180°C, do not exceed.
NOTES:
2
8
9
8548-87 Rev. C 10/15
10



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com