Electronic Components Datasheet Search
  English  ▼

X  

TLP296G Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP296G
Description  TOSHIBA Photocoupler Photo Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP296G Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP296G Datasheet HTML 1Page - Toshiba Semiconductor TLP296G Datasheet HTML 2Page - Toshiba Semiconductor TLP296G Datasheet HTML 3Page - Toshiba Semiconductor TLP296G Datasheet HTML 4Page - Toshiba Semiconductor TLP296G Datasheet HTML 5Page - Toshiba Semiconductor TLP296G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP296G
2002-09-25
1
TOSHIBA Photocoupler Photo Relay
TLP296G
Telecommunication
Data Acquisition
Measurement Instrumentation
The TOSHIBA TLP296G consists of gallium arsenide infrared emitting
diode optically coupled to a photo−MOS FET in a 8 lead DIP package
(DIP8).
The TLP296G is a bi−directional switch which can replace mechanical
relay in many applications.
· 8 pin DIP (DIP8), 2 channel type (2−form−A)
· Peak off−state voltage: 400 V (min.)
· Trigger LED current: 5 mA (max.)
· On−state current: 100 mA (max.)
· On−state resistance: 30 Ω (max.)
· Isolation voltage: 2500 Vrms (min.)
· Trigger LED current (Ta = 25°C)
Trigger LED
Current (mA)
@ION = 100 mA
Classification
Min.
Max.
Marking Of
Classification
(IFT2)
―
2
T2
Standard
―
5
T2, blank
(*): Ex. Rank IFT2: TLP296G (IFT2)
Pin Configuration (top view)
Unit in mm
TOSHIBA
11−10C4
Weight: 0.54 g


Similar Part No. - TLP296G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2962 TOSHIBA-TLP2962 Datasheet
320Kb / 13P
Photocouplers GaAAs Infrared LED & Photo IC
13-Jun-2014
TLP2962F TOSHIBA-TLP2962F Datasheet
334Kb / 13P
Photocouplers GaAℓAs Infrared LED & Photo IC
2015-12-16 Rev.3.0
TLP2962 TOSHIBA-TLP2962_15 Datasheet
325Kb / 13P
Photocouplers GaA-As Infrared LED and Photo IC
28-Oct-2015
More results

Similar Description - TLP296G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP798G TOSHIBA-TLP798G Datasheet
334Kb / 8P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP197A TOSHIBA-TLP197A Datasheet
132Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
09-Aug-2000
TLP597A TOSHIBA-TLP597A_14 Datasheet
185Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP598AA TOSHIBA-TLP598AA_14 Datasheet
180Kb / 5P
TOSHIBA Photocoupler Photo Relay
TLP3116 TOSHIBA-TLP3116_14 Datasheet
192Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP3130 TOSHIBA-TLP3130_14 Datasheet
192Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP3131 TOSHIBA-TLP3131_14 Datasheet
191Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP3542 TOSHIBA-TLP3542_14 Datasheet
159Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP224GA-2 TOSHIBA-TLP224GA-2 Datasheet
360Kb / 7P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
2019-02-01
TLP3275 TOSHIBA-TLP3275 Datasheet
643Kb / 7P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
2019-06-24
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com