Electronic Components Datasheet Search
  English  ▼

X  

PB185 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # PB185
Description  Unique LED enabling limitless design freedom
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

PB185 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  PB185 Datasheet HTML 1Page - Lumileds Lighting Company PB185 Datasheet HTML 2Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IllumInatIon
PB185 LUXEON UV FC Line Product Brief ©2017 Lumileds Holding B.V. All rights reserved.
With FlipChip platform technology, LUXEON UV FC Line contains both
1mm2 and 2mm2 die sizes and is the smallest and highest power density
(W/cm2) ultraviolet with FlipChip Technology in a Chip Scale Package (CSP)
LED that can be reflowed onto a substrate with standard surface mount
(SMT) equipment and process. LUXEON UV FC Line LEDs enable tighter
beam control and high packing density of LEDs on a chip on board solution
and completely eliminate wire bonds in the system. LUXEON UV FC Line is
the ideal choice for cost sensitive applications to achieve high irradiance
at high current density, maximizing W/$ by taking advantage of lowest
thermal resistance of a CSP device.
Features and BeneFIts
PrImary aPPlIcatIons
Ultraviolet wavelength range of 380nm to 420nm for a range of options
Specialty Lighting
Micro sized CSP: 1.0mm2 and 2.0mm2 package for design flexibility
and packing density
– Analytical Instrumentation
No wire bonds allows for direct attach and reflow
– Curing
5-sided emitter with batwing radiation pattern
– Medical
Low thermal resistance for leading system level W/$
– Security
Maximum drive current of 1A/mm2 delivers superior flux for reduced
LED count
luXeon uV Fc line
Unique LED enabling limitless design freedom


Similar Part No. - PB185

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB187 LUMILEDS-PB187 Datasheet
1Mb / 2P
Industry-leading solutions for light guide DRL, and signature lamps
PB189 LUMILEDS-PB189 Datasheet
1Mb / 2P
Double the flux in the same form factor
More results

Similar Description - PB185

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
WLS1A00AQBT1 HONEYWELL-ACC-WLS1A00AQBT1 Datasheet
1Mb / 8P
Limitless??Single Switch Adapter
logo
PANDUIT CORP.
TM3S25-C PANDUIT-TM3S25-C Datasheet
64Kb / 2P
Unique cradle design provides maximum stability for cable bundle
logo
List of Unclassifed Man...
TM3S10-C ETC-TM3S10-C Datasheet
64Kb / 2P
Unique cradle design provides maximum stability for cable bundle
logo
Amphenol Corporation
X2534 AMPHENOL-X2534 Datasheet
44Kb / 2P
Unique integrated wireless design with embedded RTD technology
logo
Ohmite Mfg. Co.
WC-SERIES OHMITE-WC-SERIES Datasheet
489Kb / 2P
The unique design (patent pending) of the WC Series
W-SERIES OHMITE-W-SERIES Datasheet
333Kb / 1P
The unique design (patent pending) of the W Series
logo
Lumileds Lighting Compa...
DS114 LUMILEDS-DS114 Datasheet
1Mb / 15P
Superior flux density, efficiency and design freedom ??in the industry?셲 only micro-package UV LED
DS185 LUMILEDS-DS185 Datasheet
1Mb / 21P
Unique LED enabling limitless design freedom
DS190 LUMILEDS-DS190 Datasheet
1Mb / 16P
High power infrared emitters enabling the next level of design flexibility
logo
PUI audio inc.
AS02204MR-N50-R PUIAUDIO-AS02204MR-N50-R Datasheet
570Kb / 5P
Unique design for flat frequency response
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com