Electronic Components Datasheet Search
  English  ▼

X  

UPC2712T Datasheet(PDF) 2 Page - NEC

Part # UPC2712T
Description  2.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2712T Datasheet(HTML) 2 Page - NEC

  UPC2712T Datasheet HTML 1Page - NEC UPC2712T Datasheet HTML 2Page - NEC UPC2712T Datasheet HTML 3Page - NEC UPC2712T Datasheet HTML 4Page - NEC UPC2712T Datasheet HTML 5Page - NEC UPC2712T Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCC
Supply Voltage
V
6
ICC
Total Circuit Current
UPC2709T
mA
60
UPC2712T
mA
30
PIN
Input Power
dBm
+10
PT
Power Dissipation2
mW
280
TOP
Operating Temperature
°C
-40 to +85
TSTG
Storage Temperature
°C
-55 to +150
Notes:
1. Operation in excess of any one of these parameters may result in
permanent damage.
2. Mounted on 50 x 50 x 1.6 mm epoxy glass PWB (TA = +85
°C).
RECOMMENDED
OPERATING CONDITIONS
SYMBOL
PARAMETER
UNITS
MIN
TYP
MAX
VCC
Supply Voltage
V
4.5
5.0
5.5
TEST CIRCUIT
IN
OUT
VCC
1000 pF
1000 pF
1000 pF
2, 3, 5
50
Ω
C1
1
6
4
C2
L
1000 nH
*
C3
50
Ω
*UPC2709T only
40
35
30
25
20
15
10
5
0
0
12
3
4
5
6
UPC2709T
UPC2712T
CIRCUIT CURRENT vs. VOLTAGE
Supply Voltage, VCC (V)
40
35
30
25
20
15
10
5
0
-60
-40
-20
020
40
60
80
100
VCC = 5.0 V
UPC2709T
UPC2712T
CIRCUIT CURRENT vs.
OPERATING TEMPERATURE
Operating Temperature,
°C
UPC2709T
GAIN AND NOISE FIGURE
vs. FREQUENCY AND VOLTAGE
5.0 V
30
25
20
15
10
0.1
0.3
1.0
3.0
VCC = 5.5 V
4.5 V
5.5 V
4.5 V
VCC = 5.0 V
8
7
6
5
4
30
25
20
15
10
5
0.1
0.3
1.0
3.0
10
8
6
4
2
GP
NF
VCC = 5.0 V
VCC = 5.5 V
VCC = 4.5 V
VCC = 5.0 V
VCC = 5.5 V
VCC = 4.5 V
UPC2712T
GAIN AND NOISE FIGURE
vs. FREQUENCY AND VOLTAGE
Frequency, f (GHz)
Frequency, f (GHz)
TYPICAL PERFORMANCE CURVES (TA = 25°C)
UPC2709T, UPC2712T



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com