Electronic Components Datasheet Search
  English  ▼

X  

UPS360 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # UPS360
Description  3 A Schottky Barrier Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UPS360 Datasheet(HTML) 1 Page - Microsemi Corporation

  UPS360 Datasheet HTML 1Page - Microsemi Corporation UPS360 Datasheet HTML 2Page - Microsemi Corporation UPS360 Datasheet HTML 3Page - Microsemi Corporation UPS360 Datasheet HTML 4Page - Microsemi Corporation UPS360 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Microsemi
Page 1
UPS360
3 A Schottky Barrier Rectifier
DESCRIPTION
In Microsemi’s new Powermite3
® SMT
package, these high efficiency ultrafast
rectifiers offer the power handing
capabilities previously found only in
much larger packages. They are ideal
for SMD applications that operate at
high frequencies.
In addition to its size advantages,
Powermite3
® package features include a full
metallic bottom that eliminates the
possibility of solder flux entrapment during
assembly, and a unique locking tab acts as
an integral heat sink. Its innovative design
makes this device ideal for use with
automatic insertion equipment.
IMPORTANT: Forthemostcurrentdata,consultMICROSEMI’s website: http://www.microsemi.com
ABSOLUTE MAXIMUM RATINGS AT 25º C
(UNLESS OTHERWISE SPECIFIED)
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
60
V
RMS Reverse Voltage
V R (RMS)
42
V
Average Rectified Output Current
Io
3
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine wave Superimposed
on Rated Load
IFSM
100 @ 25 °C
50 @ 100 °C
A
Storage Temperature
T stg
-55 to +150
ºC
Operating Temperature
T op
-55 to +125
ºC
THERMAL CHARACTERISTICS
(UNLESS OTHERWISE SPECIFIED)
Thermal Resistance
Junction-to Bottom
Rja (1)
2.5
ºC/Watt
(1) When Mounted on PC board with 2 ounce copper pattern.
KEY FEA T URES
! High power surface mount
package.
! Guard Ring die construction for
transient protection.
! Silicon Schottky rectifiers no
reverse voltage recovery.
! Internal heat sink locking tabs
! Low forward voltage.
! Full metallic bottom eliminates
flux entrapment
! Compatible with automatic
insertion equipment
! Low profile-maximum height of
1mm supplied in 16 mm tape
reel- 5000 units/ 13” reel.
APPLICATIONS/BENEFITS
! Switching and Regulating Power
Supplies.
! Charge Pump Circuits.
! Reduces reverse recovery loss
due to low IRM.
! Small foot print
190 X 300 mils
1:1 Actual size
Copyright
 2003
Rev. 0, 2003-02-12


Similar Part No. - UPS360

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPS3652 UTC-UPS3652 Datasheet
432Kb / 9P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS3652G-D08-T UTC-UPS3652G-D08-T Datasheet
432Kb / 9P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS3652G-D08-T UTC-UPS3652G-D08-T Datasheet
432Kb / 9P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS3652L-D08-T UTC-UPS3652L-D08-T Datasheet
432Kb / 9P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
UPS3652L-D08-T UTC-UPS3652L-D08-T Datasheet
432Kb / 9P
HIGH PERFORMANCE CURRENT MODE POWER SWITCH
More results

Similar Description - UPS360

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UPS340 MICROSEMI-UPS340 Datasheet
203Kb / 6P
3 A LOW Vf Schottky Barrier Rectifier
logo
NXP Semiconductors
PMEG4030EP NXP-PMEG4030EP Datasheet
100Kb / 13P
3 A low VF MEGA Schottky barrier rectifier
Rev. 01-7 August 2009
PMEG3030BEP PHILIPS-PMEG3030BEP Datasheet
100Kb / 13P
3 A low VF MEGA Schottky barrier rectifier
Rev. 01-27 October 2009
PMEG6030EP PHILIPS-PMEG6030EP Datasheet
268Kb / 13P
3 A low VF MEGA Schottky barrier rectifier
Rev. 01-21 January 2010
PMEG3030EP NXP-PMEG3030EP Datasheet
162Kb / 13P
3 A low VF MEGA Schottky barrier rectifier
Rev. 01-9 December 2009
PMEG4030EP,115 NXP-PMEG4030EP,115 Datasheet
100Kb / 13P
3 A low VF MEGA Schottky barrier rectifier
Rev. 01-7 August 2009
PMEG4030ER PHILIPS-PMEG4030ER Datasheet
101Kb / 13P
3 A low VF MEGA Schottky barrier rectifier
Rev. 01-11 August 2009
logo
Nexperia B.V. All right...
PMEG6030EVP-Q NEXPERIA-PMEG6030EVP-Q Datasheet
259Kb / 13P
60 V, 3 A Schottky barrier rectifier
20 February 2023
PMEG3030EP-Q NEXPERIA-PMEG3030EP-Q Datasheet
258Kb / 13P
3 A low VF MEGA Schottky barrier rectifier
8 June 2021
PMEG6030EVP NEXPERIA-PMEG6030EVP Datasheet
260Kb / 13P
60 V, 3 A Schottky barrier rectifier
20 February 2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com