Electronic Components Datasheet Search
  English  ▼

X  

CD-MBL110SL Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CD-MBL110SL
Description  Surface Mount Bridge Rectifier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD-MBL110SL Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CD-MBL110SL Datasheet HTML 1Page - Bourns Electronic Solutions CD-MBL110SL Datasheet HTML 2Page - Bourns Electronic Solutions CD-MBL110SL Datasheet HTML 3Page - Bourns Electronic Solutions CD-MBL110SL Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3312-2mmSMDTrimmingPotentiometer
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
CD-MBL1xxSLSurfaceMountBridgeRectifierDiode
Product Dimensions
This is an RoHS2 compliant product, packaged with FRP substrate and is epoxy underfilled. The terminals are pure tin plated (lead free) and
are solderable per MIL-STD-750, Method 2026. The package and dimensions are shown below.
Recommended Footprint
Typical Part Marking
MM
(INCHES)
DIMENSIONS:
4.10±0.1
(0.161±0.004)
5.72±0.1
(0.225±0.004)
1.10±0.1
(0.043±0.004)
1.5±0.1
(0.059±0.004)
B
D
E
C
F
A
MM
(INCHES)
DIMENSIONS:
TOP VIEW
Dimensions
A
5.20 - 5.40
(0.205 - 0.213)
B
4.10 - 4.30
(0.161 - 0.169)
C
5.70 - 5.90
(0.224 - 0.232)
D
1.00 - 1.20
(0.039 - 0.047)
E
0.85 - 0.95
(0.033 - 0.037)
F
0.86 - 1.16
(0.0338 - 0.0457)
MANUFACTURER S
TRADEMARK
VRMS = 800 V
DATE CODE
FORWARD
CURRENT
x 100 mA
LOW
FORWARD
VOLTAGE
10L
How to Order
CD - MBL 1 06 SL
Common Code
Chip Diode
Model
MBL = MBL Bridge Series
Average Forward Current
1 = 1 A
Reverse Voltage
06 = 600 V
08 = 800 V
10 = 1000 V
Forward Voltage Suffix
SL = Low Forward Voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com