Electronic Components Datasheet Search
  English  ▼

X  

AD9664 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9664
Description  4-Channel LVDS Dual-Output Laser Diode Driver with Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9664 Datasheet(HTML) 1 Page - Analog Devices

  AD9664 Datasheet HTML 1Page - Analog Devices AD9664 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4-Channel LVDS Dual-Output
Laser Diode Driver with Oscillator
AD9664
Rev. SpA
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Dual-current controlled output current sources with 4 input
channels
TTL selectable output
Stable on-chip oscillators with independent frequency and
amplitude control
TTL or LVDS selectable write channel enables
Independent TTL oscillator enable
150 mA minimum output current for Read Channel
325 mA minimum output current for Write Channel 1
250 mA minimum output current for Write Channel 2
150 mA minimum output current for Write Channel 3
Rise time/fall time of
≤0.8 ns
Low output overshoot
Low power consumption
Single 5 V power supply (±10%)
APPLICATIONS
DVD-R, DVD+R, DVD-RW, DVD+RW, DVD-RAM
supercombo drives
MO drives
Laser diode current switching
GENERAL DESCRIPTION
The AD9664 is a laser diode driver for high performance
CD-RW and DVD recordable drives. It includes four channels
for four different optical power levels: the Read Channel gener-
ates a continuous output power level, whereas Channel 1,
Channel 2, and Channel 3 can be used as write channels that
can be controlled with an LVDS or TTL interface. The OSCEN
pin is controlled by a TTL signal. All channels are summed at
the selected LD output pin where Write Channel 1 can contrib-
ute a minimum 325 mA maximum output current, and
Write Channel 2 and Write Channel 3 can contribute a mini-
mum of 250 mA and 150 mA, respectively. The level of the out-
put current is set by an external resistor, which converts this
voltage into a current at the xSET pin.
An on-chip oscillator is provided to allow output current
modulation and to reduce laser mode hopping. Four external
resistors permit the setting of two distinct values for the
frequency and swing of the oscillator. The oscillator can output
up to 100 mA p-p of current (push-pull oscillator) with a
frequency range of 200 MHz to 500 MHz.
FUNCTIONAL BLOCK DIAGRAM
WRITE
CHANNEL 3
WRITE
CHANNEL 2
WRITE
CHANNEL 1
READ CHANNEL
OSCILLATOR
OUTPUT A
OSCEN
RDIS
W1DISN
W1DIS
W1SET
W2DISN
W2DIS
W2SET
W3DISN
W3DIS
W3SET
RSET
OUTPUT B
LD1
LD2
FADJ1 FADJ2 AADJ1 AADJ2
INS
OUTSEL
ENABLE
Figure 1. 4-Channel LVDS Laser Driver Block Diagram
24
INS
23
LVDD
22
LD1
21
LD1
W3DISN 1
W3DIS 2
GND 3
20
GND
19
LD2
18
LD2
17
LVDD
GND 4
W2DISN 5
W2DIS 6
W1DISN 7
W1DIS 8
AD9664
LFCSP
5mm × 5mm
(Not to Scale)
Figure 2. 4-Channel LVDS Laser Driver Pin Configuration
For more information about the AD9664, contact Analog Devices
at high_current_drivers.com@analog.com.


Similar Part No. - AD9664

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9660 AD-AD9660 Datasheet
256Kb / 12P
200 MHz Laser Diode Driver with Light Power Control
REV.0
AD96606 AD-AD96606 Datasheet
183Kb / 12P
200 MHz Laser Diode Driver with Light Power Control
REV.0
AD96606 AD-AD96606_15 Datasheet
190Kb / 12P
200 MHz Laser Diode Driver with Light Power Control
REV. 0
AD9660KR AD-AD9660KR Datasheet
256Kb / 12P
200 MHz Laser Diode Driver with Light Power Control
REV.0
AD9660KR AD-AD9660KR Datasheet
183Kb / 12P
200 MHz Laser Diode Driver with Light Power Control
REV.0
More results

Similar Description - AD9664

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6255C ELANTEC-EL6255C Datasheet
133Kb / 2P
4-Channel Laser Diode Driver Oscillator
EL6257C ELANTEC-EL6257C Datasheet
134Kb / 2P
4-Channel Laser Diode Driver Oscillator
EL6275C ELANTEC-EL6275C Datasheet
136Kb / 2P
4-Channel Laser Diode Driver Oscillator
logo
National Semiconductor ...
LMH6533 NSC-LMH6533 Datasheet
262Kb / 11P
Four - Channel Laser Diode Driver with Dual Output, LVDS Interface and HFM Oscillator
logo
Intersil Corporation
EL6833 INTERSIL-EL6833 Datasheet
97Kb / 2P
Dual 4-Channel Driver with Oscillator & LVDS
July 15, 2004
EL6835 INTERSIL-EL6835 Datasheet
107Kb / 2P
Dual 4-Channel Driver with Oscillator & LVDS
July 1, 2003
EL6119 INTERSIL-EL6119 Datasheet
23Kb / 2P
Dual 4-Channel Laser Diode Driver Oscillator
June 15, 2004
EL6146 INTERSIL-EL6146 Datasheet
23Kb / 2P
4-Channel Laser Diode Driver Oscillator
June 15, 2004
EL6834 INTERSIL-EL6834 Datasheet
106Kb / 2P
Dual 4-Channel Driver with Oscillator & LVDS
July 15, 2004
logo
Analog Devices
AD9665ACPZ-REEL7 AD-AD9665ACPZ-REEL7 Datasheet
447Kb / 17P
4-Channel, LVDS, Dual-Output, Laser Diode Driver with Oscillator
Rev. E
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com