Electronic Components Datasheet Search
  English  ▼

X  

AM29DL32XG Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM29DL32XG
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL32XG Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM29DL32XG Datasheet HTML 6Page - Advanced Micro Devices AM29DL32XG Datasheet HTML 7Page - Advanced Micro Devices AM29DL32XG Datasheet HTML 8Page - Advanced Micro Devices AM29DL32XG Datasheet HTML 9Page - Advanced Micro Devices AM29DL32XG Datasheet HTML 10Page - Advanced Micro Devices AM29DL32XG Datasheet HTML 11Page - Advanced Micro Devices AM29DL32XG Datasheet HTML 12Page - Advanced Micro Devices AM29DL32XG Datasheet HTML 13Page - Advanced Micro Devices AM29DL32XG Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
8
Am29DL32xG
February 9, 2005
D A TA SH EET
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of the following:
Am29DL32xG
T
70
E
I
OPTIONAL PROCESSING
Blank =
Standard Processing
N
=
16-byte ESN devices
(Contact an AMD representative for more information)
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
F
=
Industrial (–40
°C to +85°C) with Pb-free package
PACKAGE TYPE
E
=
48-Pin Thin Small Outline Package
(TSOP) Standard Pinout (TS 048)
WD
=
63-Ball Fine-Pitch Ball Grid Array (FBGA)
0.80 mm pitch, 8 x 14 mm package (FBD063)
WM
=
48-Ball Fine-Pitch Ball Grid Array (FBGA)
0.80 mm pitch, 6 x 12 mm package (FBD048)
PC
=
64-Ball Fortified Pitch Ball Grid Array (FBGA)
1.00 mm pitch, 11 x 13 mm package (LAA064)
SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
T=
Top sector
B
=
Bottom sector
DEVICE NUMBER/DESCRIPTION
Am29DL32xG
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS Flash Memory
3.0 Volt-only Read, Program, and Erase
Valid Combinations for TSOP Packages
AM29DL322GT70,
AM29DL322GB70
EI, EIN,
EF
AM29DL323GT70
AM29DL323GB70
AM29DL324GT70,
AM29DL324GB70
AM29DL322GT90,
AM29DL322GB90
AM29DL323GT90,
AM29DL323GB90
AM29DL324GT90,
AM29DL324GB90
AM29DL322GT120,
AM29DL322GB120
AM29DL323GT120,
AM29DL323GB120
AM29DL324GT120,
AM29DL324GB120
Valid Combinations for FBGA Packages
Order Number
Package Marking
AM29DL322GT70,
AM29DL322GB70
WMI,
WMIN,
WMF
D322GT70U,
D322GB70U
I, F
AM29DL323GT70,
AM29DL323GB70
D323GT70U,
D323GB70U
AM29DL324GT70,
AM29DL324GB70
D324GT70U,
D324GB70U
AM29DL322GT90,
AM29DL322GB90
D322GT90U,
D322GB90U
AM29DL323GT90,
AM29DL323GB90
D323GT90U,
D323GB90U
AM29DL324GT90,
AM29DL324GB90
D324GT90U,
D324GB90U
AM29DL322GT120,
AM29DL322GB120
D322GT12U,
D322GB12U
AM29DL323GT120,
AM29DL323GB120
D323GT12U,
D323GB12U
AM29DL324GT120,
AM29DL324GB120
D324GT12U,
D324GB12U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com