Electronic Components Datasheet Search
  English  ▼

X  

AS1704 Datasheet(PDF) 6 Page - ams AG

Part # AS1704
Description  1.6W Single-Channel Audio Power Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1704 Datasheet(HTML) 6 Page - ams AG

Back Button AS1704 Datasheet HTML 2Page - ams AG AS1704 Datasheet HTML 3Page - ams AG AS1704 Datasheet HTML 4Page - ams AG AS1704 Datasheet HTML 5Page - ams AG AS1704 Datasheet HTML 6Page - ams AG AS1704 Datasheet HTML 7Page - ams AG AS1704 Datasheet HTML 8Page - ams AG AS1704 Datasheet HTML 9Page - ams AG AS1704 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.austriamicrosystems.com
Revision 1.01
6 - 13
AS1702, AS1703, AS1704, AS1705
austriamicrosystems
Data Sheet
7 Application Information
Figure 2. AS1702 Typical Application Diagram
Figure 3. AS1703, AS1704, AS1705 Typical Application Diagram
AV = 2
Bias
Generator
OUT+
AS1702
Shutdown
Control
+
–
OUT-
GND
SHDM
SHDN
BIAS
IN+
IN-
VCC
RIN
10k
Ω
2.7 to 5.5V
Supply
Inverting Differential
Input
Non-Inverting Differential
Input
10µF
CIN*
10µF
* Optional
CBIAS
0.1µF
RIN
10k
Ω
RF
20k
Ω
RF
20k
Ω
CIN*
10µF
Bias
Generator
OUT+
AS1703
AS1704
AS1705
Shutdown
Control
+
–
OUT-
GND
SHDM
SHDN
BIAS
IN+
IN-
VCC
R2
R2
R1
R1
2.7 to 5.5V
Supply
Inverting Differential
Input
Non-Inverting Differential
Input
10µF
* Optional
CBIAS
0.1µF
AV = 1
AV = 1.41
AV = 2
CIN*
10µF
CIN*
10µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com