Electronic Components Datasheet Search
  English  ▼

X  

CBTS3306D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # CBTS3306D
Description  Dual bus switch with Schottky diode clamping
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CBTS3306D Datasheet(HTML) 2 Page - NXP Semiconductors

  CBTS3306D Datasheet HTML 1Page - NXP Semiconductors CBTS3306D Datasheet HTML 2Page - NXP Semiconductors CBTS3306D Datasheet HTML 3Page - NXP Semiconductors CBTS3306D Datasheet HTML 4Page - NXP Semiconductors CBTS3306D Datasheet HTML 5Page - NXP Semiconductors CBTS3306D Datasheet HTML 6Page - NXP Semiconductors CBTS3306D Datasheet HTML 7Page - NXP Semiconductors CBTS3306D Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product data
CBTS3306
Dual bus switch with Schottky diode clamping
2
2001 Nov 08
853-2306 27313
FEATURES
• 5 Ω switch connection between two ports
• TTL-compatible input levels
• Package options include plastic small outline (SO) and
thin shrink small outline (TSSOP)
• Latch-up protection exceeds 100 mA per JESD78
• ESD protection exceeds 2000 V HBM per JESD22-A114 and
1000 V CDM per JESD22-C101
DESCRIPTION
The CBTS3306 Dual FET Bus Switch features independent line
switches with Schottky diodes on the I/OS to clamp undershoot.
Each switch is disabled with the associated Output Enable (OE)
input is high.
The CBTS3306 is characterized for operation from –40 to +85
°C.
PIN CONFIGURATION
1
2
3
45
6
7
8
1OE
1A
1B
GND
VCC
2OE
2B
2A
SA00535
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1, 7
1OE, 2OE
Output enable
2, 5
1A, 2A
A port inputs
3, 6
1B, 2B
B port outputs
4
GND
Ground (0 V)
8
VCC
Positive supply voltage
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25 °C; GND = 0 V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
A to B or B to A
CL = 50 pF; VCC = +5.0 V ±0.5 V
0.25 (MAX)
ns
CIO(OFF)
Port off capacitance
VO = 3 V or 0; OE = VCC
7.60
pF
ICC
Quiescent supply current
VCC = 5.5 V; IO = 0, VI = VCC or GND
3
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DWG NUMBER
8-pin plastic SO
–40 to 85
°C
CBTS3306D
SOT96-1
8-pin plastic TSSOP
–40 to 85
°C
CBTS3306PW
SOT530-1
Standard packing quantities and other packaging data is available at www.philipslogic.com/packaging.
LOGIC DIAGRAM (positive logic)
2
1A
3
1B
SA00618
1
1OE
5
2A
6
2B
1
2OE
FUNCTION TABLE
INPUT
FUNCTION
OE
FUNCTION
L
A port = B port
H
Disconnect



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com