Electronic Components Datasheet Search
  English  ▼

X  

PB190 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # PB190
Description  High power infrared emitters enabling the next level of design flexibility
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

PB190 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  PB190 Datasheet HTML 1Page - Lumileds Lighting Company PB190 Datasheet HTML 2Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INFRARED
PB190 LUXEON IR Compact Line Product Brief ©2018 Lumileds Holding B.V. All rights reserved.
FEATURES AND BENEFITS
PRIMARY APPLICATIONS
Available in 850nm and 940nm wavelengths to provide optimized performance
for each type of application
Surveillance / CCTV
Radiant Power: 1050mW (850nm) and 1150mW (940nm) for a greater
system performance
Machine Vision
Compact package of 1.9mm x 1.37mm with a 2-pad configuration provides the
highest power density in the industry for a new level of miniaturization
3D Scanning / Time of Flight
Ultra-low R
th of 2.8°C/W, solves thermal challenges and supports space
saving designs
Biometric Identification
User Interface Control
Augmented / Virtual Reality
LUXEON IR Compact Line
High power infrared emitters enabling the next level
of design flexibility
The LUXEON IR Compact Line is a product line of high power infrared
emitters specifically designed for high efficiency as required in a small
spaces. Their compact and well-defined light source geometry allows
them to be easily coupled into secondary optics for tight beam control.
LUXEON IR Compact Line is designed with innovative LUXEON technology
to provide industry-leading performance. Through best-in-class thermal
conductivity, LUXEON IR Compact Line has excellent performance at
actual operating conditions.


Similar Part No. - PB190

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB193 LUMILEDS-PB193 Datasheet
1Mb / 2P
Fashion retail lighting that makes an impact, highlighting rich colors and increasing contrast
PB194 LUMILEDS-PB194 Datasheet
1Mb / 2P
Fashion retail lighting that makes an impact, highlighting rich colors and increasing contrast
PB195 LUMILEDS-PB195 Datasheet
1Mb / 2P
CoBs engineered to deliver the precise wavelengths of light needed to improve crop yield
logo
celduc-relais
PB195T00 CELDUC-PB195T00 Datasheet
295Kb / 2P
MAGNETIC PROXIMITY SENSOR
logo
Lumileds Lighting Compa...
PB196 LUMILEDS-PB196 Datasheet
1Mb / 2P
Accentuating freshness and overall visual appeal, making food irresistible
More results

Similar Description - PB190

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
SCM120-120-EVK AXIOMTEK-SCM120-120-EVK Datasheet
364Kb / 1P
High flexibility SMARC v1.0 compliant design
Q7M120 AXIOMTEK-Q7M120 Datasheet
267Kb / 1P
High flexibility Qseven v2.0 compliant design
logo
Maxim Integrated Produc...
MAXM17505 MAXIM-MAXM17505 Datasheet
970Kb / 19P
Offers Flexibility for Power-Design Optimization
Rev 1; 4/15
MAXM17515 MAXIM-MAXM17515 Datasheet
2Mb / 15P
Offers Flexibility for Power-Design Optimization
Rev 1; 4/15
MAXM17516 MAXIM-MAXM17516 Datasheet
569Kb / 14P
Offers Flexibility for Power-Design Optimization
Rev 1; 4/15
logo
Lumileds Lighting Compa...
DS190 LUMILEDS-DS190 Datasheet
1Mb / 16P
High power infrared emitters enabling the next level of design flexibility
WP18 LUMILEDS-WP18 Datasheet
419Kb / 4P
Provide a new level of luminaire performance and design flexibility.
logo
OSRAM GmbH
SFH-4516 OSRAM-SFH-4516 Datasheet
183Kb / 11P
GaAs Infrared Emitters
logo
PHOENIX CONTACT
1019720 PHOENIX-1019720 Datasheet
63Kb / 4P
High degree of application flexibility, thanks to the modular housing design
1019749 PHOENIX-1019749 Datasheet
64Kb / 4P
High degree of application flexibility, thanks to the modular housing design
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com