Electronic Components Datasheet Search
  English  ▼

X  

X4283AP Datasheet(PDF) 21 Page - Xicor Inc.

Part # X4283AP
Description  CPU Supervisor with 128K EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X4283AP Datasheet(HTML) 21 Page - Xicor Inc.

Back Button X4283AP Datasheet HTML 14Page - Xicor Inc. X4283AP Datasheet HTML 15Page - Xicor Inc. X4283AP Datasheet HTML 16Page - Xicor Inc. X4283AP Datasheet HTML 17Page - Xicor Inc. X4283AP Datasheet HTML 18Page - Xicor Inc. X4283AP Datasheet HTML 19Page - Xicor Inc. X4283AP Datasheet HTML 20Page - Xicor Inc. X4283AP Datasheet HTML 21Page - Xicor Inc. X4283AP Datasheet HTML 22Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
X4283/85 – Preliminary Information
Characteristics subject to change without notice.
21 of 22
REV 1.17 11/27/00
www.xicor.com
Ordering Information
Part Mark Information
VCC
Range
VTRIP
Range
Package
Operating
Temperature Range
Part Number RESET
(Active LOW)
Part Number RESET
(Active HIGH)
4.5-5.5V
4.5-4.75
8L SOIC
0°C–70°C
X4283S8–4.5A
X4285S8–4.5A
-40°C–85°C
X4283S8I–4.5A
X4285S8I–4.5A
8L TSSOP
0°C–70°C
X4283V8–4.5A
X4285V8–4.5A
-40°C–85°C
X4283V8I–4.5A
X4285V8I–4.5A
4.5-5.5V
4.25-4.5
8L SOIC
0°C–70°C
X4283S8
X4285S8
-40°C–85°C
X4283S8I
X4285S8I
8L TSSOP
0°C–70°C
X4283V8
X4285V8
-40°C–85°C
X4283V8I
X4285V8I
2.7-5.5V
2.85-3.0
8L SOIC
0°C–70°C
X4283S8–2.7A
X4285S8–2.7A
-40°C–85°C
X4283S8I–2.7A
X4285S8I–2.7A
8LTSSOP
0°C–70°C
X4283V8–2.7A
X4285V8–2.7A
-40°C–85°C
X4283V8I–2.7A
X4285V8I–2.7A
2.7-5.5V
2.55-2.7
8L SOIC
0°C–70°C
X4283S8–2.7
X4285S8–2.7
-40°C–85°C
X4283S8I–2.7
X4285S8I–2.7
8L TSSOP
0°C–70°C
X4283V8–2.7
X4285V8–2.7
-40°C–85°C
X4283V8I–2.7
X4285V8I–2.7
8-Lead TSSOP
EYWW
XXXXX
8-Lead SOIC
X4283/85 X
XX
Blank = 8-Lead SOIC
ADB/ADK = –4.5A (0 to +70°C)
ADD/ADM = No Suffix (0 to +70°C)
ADF/ADO = –2.7A (0 to +70°C)
ADH/ADQ = –2.7 (0 to +70°C)
4283/4285
F = –2.7 (0 to +70°C)
G = –2.7 (-40 to +85°C)
Blank = No Suffix (0 to +70°C)
I = No Suffix (-40 to +85°C)
AN = –2.7A (0 to +70°C)
AP = –2.7A (-40 to +85°C)
AL = –4.5A (0 to +70°C)
AM = –4.5A (-40 to +85°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com