Electronic Components Datasheet Search
  English  ▼

X  

IXTJ3N150 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTJ3N150
Description  N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTJ3N150 Datasheet(HTML) 2 Page - IXYS Corporation

  IXTJ3N150 Datasheet HTML 1Page - IXYS Corporation IXTJ3N150 Datasheet HTML 2Page - IXYS Corporation IXTJ3N150 Datasheet HTML 3Page - IXYS Corporation IXTJ3N150 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTJ3N150
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or moreof the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
ADVANCE TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are derived
from a subjective evaluation of the design, based upon prior knowledge and experience, and constitute a
"considered reflection" of the anticipated result. IXYS reserves the right to change limits, test
conditions, and dimensions without notice.
ISO TO-247 (IXTJ) OUTLINE
PINS:
1 = Gate
2 = Drain
3 = Source
4 = Isolated
Note:
1. Pulse test, t
 300s, duty cycle, d  2%.
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 20V, ID = 1.5A, Note 1
2.2
3.6
S
C
iss
1375
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
90
pF
C
rss
30
pF
R
GI
Gate Input Resistance
3.0

t
d(on)
19
ns
t
r
21
ns
t
d(off)
42
ns
t
f
25
ns
Q
g(on)
38.6
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 1.5A
6.5
nC
Q
gd
19.0
nC
R
thJC
1.13
C/W
R
thCS
0.15
C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max
I
S
V
GS = 0V, Note1
3
A
I
SM
Repetitive, Pulse Width Limited by T
JM
12
A
V
SD
I
F = IS, VGS = 0V, Note 1
1.3
V
t
rr
0.9
s
Q
RM
6.7
C
I
RM
15.0
A
I
F = 1.5A, -di/dt = 100A/μs
V
R = 100V
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 1.5A
R
G = 5 (External)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com