Electronic Components Datasheet Search
  English  ▼

X  

IXTH12N150 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTH12N150
Description  N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH12N150 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTH12N150 Datasheet HTML 1Page - IXYS Corporation IXTH12N150 Datasheet HTML 2Page - IXYS Corporation IXTH12N150 Datasheet HTML 3Page - IXYS Corporation IXTH12N150 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2015 IXYS CORPORATION, All Rights Reserved
DS100425C(6/15)
High Voltage
Power MOSFET
Features
International Standard Packages
Molding Epoxies Weet UL 94 V-0
Flammability Classification
Fast Intrinsic Diode
Low Package Inductance
Advantages
Easy to Mount
Space Savings
High Power Density
Applications
High Voltage Power Supplies
Capacitor Discharge
Pulse Circuits
IXTT12N150
IXTH12N150
V
DSS
= 1500V
I
D25
= 12A
R
DS(on)
 2.2
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
C to 150C
1500
V
V
DGR
T
J
= 25
C to 150C, R
GS = 1M
1500
V
V
GSS
Continuous
30
V
V
GSM
Transient
40
V
I
D25
T
C = 25C12
A
I
DM
T
C = 25C, Pulse Width Limited by TJM
40
A
I
A
T
C = 25°C
6
A
E
AS
T
C = 25°C
750
mJ
dv/dt
I
S
 I
DM, VDD  VDSS,TJ  150C
5
V/ns
P
D
T
C = 25C
890
W
T
J
- 55 ... +150
C
T
JM
150
C
T
stg
- 55 ... +150
C
T
L
1.6mm (0.062 in.) From Case for 10s
300
C
T
SOLD
Plastic Body for 10s
260
C
M
d
Mounting Torque
1.13 / 10
Nm/lb.in.
Weight
TO-268
4.0
g
TO-247
6.0
g
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 1mA
1500
V
V
GS(th)
V
DS = VGS, ID = 250A
2.5
4.5
V
I
GSS
V
GS = 30V, VDS = 0V
100 nA
I
DSS
V
DS = VDSS, VGS = 0V
25
A
T
J = 125C
500
A
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
2.2
G = Gate
D
= Drain
S = Source
Tab = Drain
TO-247 (IXTH)
G
S
D (Tab)
D
TO-268 (IXTT)
S
G
D (Tab)


Similar Part No. - IXTH12N150

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTH12N150 ISC-IXTH12N150 Datasheet
367Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTH12N150

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTN62N50L IXYS-IXTN62N50L Datasheet
136Kb / 2P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
IXTJ4N150 IXYS-IXTJ4N150 Datasheet
160Kb / 5P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
IXFH34N60X2A IXYS-IXFH34N60X2A Datasheet
175Kb / 5P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
IXFH60N60X2A IXYS-IXFH60N60X2A Datasheet
156Kb / 5P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
IXFT30N85XHV IXYS-IXFT30N85XHV Datasheet
263Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
MMIX1F160N30T IXYS-MMIX1F160N30T Datasheet
230Kb / 7P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
MMIX1F180N25T IXYS-MMIX1F180N25T Datasheet
230Kb / 7P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
MMIX1F230N20T IXYS-MMIX1F230N20T Datasheet
231Kb / 7P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
IXFK150N30P3 IXYS-IXFK150N30P3 Datasheet
131Kb / 5P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
IXFH80N65X2-4 IXYS-IXFH80N65X2-4 Datasheet
188Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com