Electronic Components Datasheet Search
  English  ▼

X  

LM4892LD Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4892LD
Description  1 Watt Audio Power Amplifier with Headphone Sense
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4892LD Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4892LD Datasheet HTML 1Page - National Semiconductor (TI) LM4892LD Datasheet HTML 2Page - National Semiconductor (TI) LM4892LD Datasheet HTML 3Page - National Semiconductor (TI) LM4892LD Datasheet HTML 4Page - National Semiconductor (TI) LM4892LD Datasheet HTML 5Page - National Semiconductor (TI) LM4892LD Datasheet HTML 6Page - National Semiconductor (TI) LM4892LD Datasheet HTML 7Page - National Semiconductor (TI) LM4892LD Datasheet HTML 8Page - National Semiconductor (TI) LM4892LD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Electrical Characteristics V
DD = 3.3V (Notes 1, 2)
The following specifications apply for V
DD = 3.3V, AV = 2, and 8
Ω load unless otherwise specified. Limits apply for T
A =
25˚C. (Continued)
Symbol
Parameter
Conditions
LM4892
Units
(Limits)
Typical
Limit
(Note 6)
(Note 7)
PSSR
Power Supply Rejection Ratio
V
ripple = 200mV sine p-p
60(f = 217Hz)
62 (f = 1kHz)
dB
Electrical Characteristics V
DD = 2.6V
(Notes 1, 2)
The following specifications apply for V
DD = 2.6V, AV = 2, and 8
Ω load unless otherwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4892
Units
(Limits)
Typical
Limit
(Note 6)
(Note 7)
I
DD
Quiescent Power Supply Current
V
IN = 0V, Io = 0A, HP sense = 0V
2.6
mA (max)
V
IN = 0V, Io = 0A, HP sense = 2.6V
1.5
mA (max)
I
SD
Shutdown Current
Vshutdown = GND (Note 8)
0.1
µA (max)
P
o
Output Power
THD = 1% (max), f = 1kHz,
R
L =8
Ω, HP Sense < 0.8V
0.25
W
THD = 1% (max), f = 1kHz,
R
L =4
Ω, HP Sense < 0.8V
0.28
W
THD = 1% (max), f = 1kHz, R
L =
32
Ω, HP Sense > 2.5V
20
mW
V
IH
HP Sense high input voltage
2.0
V (min)
V
IL
HP Sense low input voltage
0.8
V (max)
THD+N
Total Harmonic Distortion+Noise
P
o = 0.1 Wrms; f = 1kHz 10Hz
≤
BW
≤ 80kHz
0.1
%
PSSR
Power Supply Rejection Ratio
V
ripple = 200mV sine p-p
44(f = 217Hz)
44 (f = 1kHz)
dB
Note 1: All voltages are measured with respect to the ground pin, unless otherwise specified.
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given, however, the typical value is a good indication of device performance.
Note 3: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature TA. The maximum
allowable power dissipation is PDMAX =(TJMAX–TA)/θJA or the number given in Absolute Maximum Ratings, whichever is lower. For the LM4892, see power derating
currents for additional information.
Note 4: Human body model, 100pF discharged through a 1.5k
Ω resistor.
Note 5: Machine Model, 220pF–240pF discharged through all pins.
Note 6: Typicals are measured at 25˚C and represent the parametric norm.
Note 7: Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Note 8: For micro SMD only, shutdown current is measured in a Normal Room Environment. Exposure to direct sunlight will increase ISD by a maximum of 2µA.
Note 9: The Exposed-DAP of the LDA10B package should be electrically connected to GND or an electrically isolated copper area. The LM4892LD demo board
(views featured in the Application Information section) has the Exposed-DAP connected to GND with a PCB area of 353mils x 86.7mils (8.97mm x 2.20mm) on
the copper top layer and 714.7mils x 368mils (18.15mm x 9.35mm) on the copper bottom layer.
External Components Description
(Figure 1)
Components
Functional Description
1.
R
i
Inverting input resistance which sets the closed-loop gain in conjunction with R
f. This resistor also forms a
high pass filter with C
i at fC= 1/(2
π R
iCi).
2.
C
i
Input coupling capacitor which blocks the DC voltage at the amplifiers input terminals. Also creates a
highpass filter with R
i at fc = 1/(2
π R
iCi). Refer to the section, Proper Selection of External Components,
for an explanation of how to determine the value of C
i.
3.
R
f
Feedback resistance which sets the closed-loop gain in conjunction with R
i.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com