Electronic Components Datasheet Search
  English  ▼

X  

PESD1CAN Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PESD1CAN
Description  CAN bus ESD protection diode in SOT23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD1CAN Datasheet(HTML) 4 Page - NXP Semiconductors

  PESD1CAN Datasheet HTML 1Page - NXP Semiconductors PESD1CAN Datasheet HTML 2Page - NXP Semiconductors PESD1CAN Datasheet HTML 3Page - NXP Semiconductors PESD1CAN Datasheet HTML 4Page - NXP Semiconductors PESD1CAN Datasheet HTML 5Page - NXP Semiconductors PESD1CAN Datasheet HTML 6Page - NXP Semiconductors PESD1CAN Datasheet HTML 7Page - NXP Semiconductors PESD1CAN Datasheet HTML 8Page - NXP Semiconductors PESD1CAN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
9397 750 14197
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Objective data sheet
Rev. 01 — 25 January 2005
4 of 12
Philips Semiconductors
PESD1CAN
CAN bus ESD protection diode in SOT23
6.
Characteristics
[1]
Non-repetitive current pulse 8/20
µs exponentially decaying waveform according to IEC61000-4-5; see Figure 1.
[2]
Measured from pin 1 to 3 or 2 to 3.
Table 8:
Characteristics
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRWM
reverse stand-off voltage
-
-
24
V
IRM
reverse leakage current
VRWM = 24 V
-
< 1
50
nA
V(BR)
breakdown voltage
IR = 5 mA
25.4
27.8
30.3
V
Cd
diode capacitance
VR = 0 V; f = 1 MHz;
see Figure 5
-11
-
pF
V(CL)R
clamping voltage
IPP = 1 A
[1] [2] --40
V
IPP = 3 A
[1] [2] --70
V
rdif
differential resistance
IR = 1 mA
-
-
300
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com