Electronic Components Datasheet Search
  English  ▼

X  

ROS-2070 Datasheet(PDF) 2 Page - Mini-Circuits

Part # ROS-2070
Description  Voltage Controlled Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ROS-2070 Datasheet(HTML) 2 Page - Mini-Circuits

  ROS-2070 Datasheet HTML 1Page - Mini-Circuits ROS-2070 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits
®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Performance Data & Curves*
ROS-2070+
Page 2 of 2
ROS-2070+
Frequency and Tuning Sensitivity
1960
1980
2000
2020
2040
2060
2080
2100
2120
01
23
45
Tuning Voltage (V)
20
21
22
23
24
25
26
27
28
FREQ. @ -55°C
FREQ. @ +25°C
FREQ. @ +85°C
T.SENS @ +25°C
ROS-2070+
Power Output
5.0
5.4
5.8
6.2
6.6
7.0
012
345
Tuning Voltage (V)
-55°C
+25°C
+85°C
ROS-2070+
Frequency Pulling & Pushing (Vcc ± 5%)
0.0
0.2
0.4
0.6
0.8
1.0
01
23
45
Tuning Voltage (V)
0.0
0.2
0.4
0.6
0.8
1.0
Pulling
Pushing
ROS-2070+
Phase Noise Vs. Tuning Voltage
-160
-150
-140
-130
-120
-110
-100
-90
-80
01
23
45
Tuning Voltage (V)
1KHz
10KHz
100KHz
1MHz
*at 25
o
ROS-2070+
Harmonics Level
-55
-50
-45
-40
-35
-30
-25
-20
01
23
45
Tuning Voltage (V)
F2
F3
F4
ROS-2070+
Phase Noise
-160
-150
-140
-130
-120
-110
-100
-90
-80
1
10
100
1000
Frequency Offset (KHz)
V
TUNE
FREQUENCY
POWER OUTPUT
Icc
HARMONICS (dBc)
FREQ. FREQ.
PHASE NOISE (dBc/Hz)
FREQ
PHASE
TUNE SENS
(MHz)
(dBm)
(mA)
PUSH
PULL
OFFSET NOISE at
(MHz/V)
(MHz/V) (MHz)
(KHz) 2045 MHz
-55
°C+25°C+85°C-55°C+25°C+85°C
F2
F3
F4
1kHz
10kHz
100kHz
1MHz
(dBc/Hz)
0.00
26.70
1989.0 1984.3 1979.4
6.22
6.40
6.47
28.48 -27.4
-48.4
-32.7
0.60
0.76
-83.9
-105.8
-127.1
-146.8
1.0
-84.93
0.50
23.02
2001.7 1997.1 1992.3
6.19
6.38
6.44
28.59
-28.2
-46.9
-31.8
0.67
0.59
-83.8
-106.6
-127.9
-147.2
2.0
-92.51
0.75
22.14
2007.5 2002.9 1998.0
6.14
6.36
6.44
28.64 -28.3
-45.9
-32.7
0.69
0.66
-83.4
-107.5
-128.0
-147.9
3.5
-98.45
1.00
21.59
2013.1 2008.4 2003.5
6.10
6.32
6.42
28.68 -28.4
-45.4
-32.9
0.70
0.67
-83.8
-107.1
-127.9
-148.3
6.0
-102.74
1.25
21.26
2018.6 2013.8 2008.8
6.07
6.28
6.38
28.72 -28.3
-44.7
-32.2
0.72
0.65
-83.8
-107.1
-127.9
-147.6
8.5
-106.42
1.50
21.11
2024.0 2019.1 2014.0
6.02
6.24
6.35
28.77 -28.1
-44.4
-32.4
0.73
0.72
-84.0
-108.2
-128.0
-147.6
10.0
-107.31
1.75
21.06
2029.3 2024.4 2019.2
5.98
6.19
6.32
28.81 -27.9
-44.2
-33.2
0.74
0.78
-82.8
-106.9
-128.1
-148.6
20.8
-114.70
2.00
21.07
2034.7 2029.7 2024.4 5.93
6.15
6.28
28.86 -28.1
-43.0
-32.8
0.76
0.80
-84.7
-107.9
-127.8
-148.2
35.5
-119.04
2.25
21.12
2040.0 2034.9 2029.5 5.89
6.11
6.24
28.90 -28.3
-42.4
-32.6
0.77
0.77
-83.5
-107.3
-128.0
-148.1
60.7
-124.03
2.50
21.18
2045.4 2040.2 2034.7 5.87
6.08
6.19
28.94 -28.5
-42.3
-32.8
0.78
0.70
-84.0
-106.4
-127.9
-147.3
86.7
-127.14
2.75
21.22
2050.8 2045.5 2039.9 5.84
6.04
6.16
28.99 -28.7
-42.3
-33.2
0.79
0.60
-84.5
-106.9
-128.2
-147.4
100.0
-128.49
3.00
21.29
2056.1 2050.8 2045.1 5.85
6.01
6.12
29.03 -28.9
-41.7
-33.6
0.80
0.47
-85.1
-107.7
-128.2
-148.8
148.1
-131.20
3.25
21.38
2061.5 2056.1 2050.3 5.85
6.01
6.08
29.08 -29.3
-41.0
-33.1
0.81
0.42
-84.8
-107.4
-128.8
-149.0
177.0
-132.71
3.50
21.46
2066.9 2061.5 2055.6 5.84
6.01
6.09
29.12 -29.3
-40.4
-31.8
0.82
0.36
-84.6
-107.0
-128.4
-147.5
211.6
-134.66
3.75
21.56
2072.4 2066.8 2060.8 5.81
6.00
6.08
29.17 -29.4
-40.1
-32.2
0.82
0.31
-85.5
-107.7
-128.3
-148.3
302.4
-136.48
4.00
21.67
2077.9 2072.2 2066.1 5.80
5.97
6.06
29.22 -29.6
-39.5
-32.8
0.84
0.39
-83.4
-107.5
-128.2
-147.6
361.5
-138.21
4.25
21.75
2083.4 2077.6 2071.4 5.79
5.95
6.03
29.26 -29.7
-39.2
-32.6
0.85
0.45
-84.7
-107.6
-128.5
-148.3
507.5
-142.49
4.50
21.82
2088.9 2083.1 2076.8 5.79
5.95
6.00
29.30 -29.9
-38.7
-32.9
0.87
0.48
-83.1
-106.7
-128.0
-147.8
606.7
-143.48
4.75
21.91
2094.4 2088.5 2082.1 5.77
5.94
5.99
29.35 -30.2
-38.2
-33.1
0.88
0.56
-85.0
-107.7
-128.0
-148.2
851.6
-145.80
5.00
22.04
2100.0 2094.0 2087.5 5.75
5.92
5.98
29.39 -30.7
-37.5
-32.8
0.90
0.62
-84.7
-106.8
-128.2
-148.3
1000.0
-148.89



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com