Electronic Components Datasheet Search
  English  ▼

X  

PMEG2005EL Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMEG2005EL
Description  20 V, 0.5 A very low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG2005EL Datasheet(HTML) 2 Page - NXP Semiconductors

  PMEG2005EL Datasheet HTML 1Page - NXP Semiconductors PMEG2005EL Datasheet HTML 2Page - NXP Semiconductors PMEG2005EL Datasheet HTML 3Page - NXP Semiconductors PMEG2005EL Datasheet HTML 4Page - NXP Semiconductors PMEG2005EL Datasheet HTML 5Page - NXP Semiconductors PMEG2005EL Datasheet HTML 6Page - NXP Semiconductors PMEG2005EL Datasheet HTML 7Page - NXP Semiconductors PMEG2005EL Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
9397 750 12464
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 11 February 2004
2 of 8
Philips Semiconductors
PMEG2005EL
20 V, 0.5 A very low VF MEGA Schottky rectifier
2.
Pinning information
[1]
The marking bar indicates the cathode.
3.
Ordering information
4.
Marking
5.
Limiting values
Table 2:
Discrete pinning
Pin
Description
Simplified outline
Symbol
1
cathode
[1]
2
anode
001aaa332
Bottom view
Top view
2
1
sym001
12
Table 3:
Ordering information
Type number
Package
Name
Description
Version
PMEG2005EL
-
leadless ultra small plastic package; 2 terminals; body
1.0
× 0.6 × 0.5 mm
SOD882
Table 4:
Marking
Type number
Marking code
PMEG2005EL
F5
Table 5:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
continuous reverse voltage
-
20
V
IF
continuous forward current
-
0.5
A
IFRM
repetitive peak forward current
tp ≤ 1 ms;
δ≤ 0.25
-
2.5
A
IFSM
non-repetitive peak forward
current
t=8ms
square wave
-
3.0
A
Tj
junction temperature
[1] -
150
°C
Tamb
operating ambient temperature
[1]
−65
+150
°C
Tstg
storage temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com