Electronic Components Datasheet Search
  English  ▼

X  

S29AL016D Datasheet(PDF) 39 Page - SPANSION

Part # S29AL016D
Description  16 MEGABIT CMOS 3.0 VOLT ONLY BOOT SECTOR FLASH MEMORY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL016D Datasheet(HTML) 39 Page - SPANSION

Back Button S29AL016D Datasheet HTML 35Page - SPANSION S29AL016D Datasheet HTML 36Page - SPANSION S29AL016D Datasheet HTML 37Page - SPANSION S29AL016D Datasheet HTML 38Page - SPANSION S29AL016D Datasheet HTML 39Page - SPANSION S29AL016D Datasheet HTML 40Page - SPANSION S29AL016D Datasheet HTML 41Page - SPANSION S29AL016D Datasheet HTML 42Page - SPANSION S29AL016D Datasheet HTML 43Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
December 17, 2004 S29AL016D_00_A2
S29AL016D
39
Pre l i m i n a r y
Test Conditions
Figure 11. Test Setup
Table 11. Test Specifications
Test Condition
70
90
Unit
Output Load
1 TTL gate
Output Load Capacitance, CL
(including jig capacitance)
30
100
pF
Input Rise and Fall Times
5
ns
Input Pulse Levels
0.0 or VCC
V
Input timing measurement
reference levels
0.5 VCC
V
Output timing measurement
reference levels
0.5 VCC
V
2.7 kΩ
CL
6.2 kΩ
3.3 V
Device
Under
Test
Note: Diodes are IN3064 or equivalent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com