Electronic Components Datasheet Search
  English  ▼

X  

MSK5986RH Datasheet(PDF) 1 Page - Anaren Microwave

Part # MSK5986RH
Description  RAD HARD POSITIVE, 2.8A, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

MSK5986RH Datasheet(HTML) 1 Page - Anaren Microwave

  MSK5986RH Datasheet HTML 1Page - Anaren Microwave MSK5986RH Datasheet HTML 2Page - Anaren Microwave MSK5986RH Datasheet HTML 3Page - Anaren Microwave MSK5986RH Datasheet HTML 4Page - Anaren Microwave MSK5986RH Datasheet HTML 5Page - Anaren Microwave MSK5986RH Datasheet HTML 6Page - Anaren Microwave MSK5986RH Datasheet HTML 7Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FEATURES:
• Manufactured using
Space Qualified RH3083 Die
• MIL-PRF-38534 Class K Processing & Screening
• Total Dose Hardened to 100 Krads(Si) (Method 1019.7 Condition A)
• Total Dose tested to 450 Krads(Si) (Method 1019.7 Condition A)
• Output Adjustable to Zero Volts
• Internal Short Circuit Current Limit
• Output Voltage is Adjustable with 1 External Resistor
• Output Current Capability to 2.8A
• Internal Thermal Overload Protection
• Outputs may be Paralleled for Higher Current
• Contact MSK for MIL-PRF-38534 Qualification Status
DESCRIPTION:
The MSK5986RH offers an output voltage range down to zero volts while offering radiation tolerance for space applications.
This, combined with the low θJC, allows increased output current while providing exceptional device efficiency. Output voltage
is selected by the user through the use of 1 external resistor. Additionally, the regulator offers internal short circuit current
and thermal limiting, which allows circuit protection and eliminates the need for external components and excessive derating.
The MSK5986RH is hermetically sealed in a space efficient 3 pin power surface mount ceramic package.
5986RH
RAD HARD POSITIVE,
2.8A, SINGLE RESISTOR
ADJ VOLTAGE REGULATOR
MIL-PRF-38534 AND 38535 CERTIFIED FACILITY
LID=ISOLATED
EQUIVALENT SCHEMATIC
TYPICAL APPLICATIONS
PIN-OUT INFORMATION
1 SET
2 VIN
3 VOUT
• High Efficiency Linear Regulators
• Constant Voltage/Current Regulators
• Space System Power Supplies
• Switching Power Supply Post Regulators
• Very low Voltage Power Supplies
1
8548-169 Rev. F 2/18


Similar Part No. - MSK5986RH

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5980HRHG ANAREN-MSK5980HRHG Datasheet
408Kb / 9P
MIL-PRF-38534 AND 38535 CERTIFIED FACILITY
MSK5980KRHG ANAREN-MSK5980KRHG Datasheet
408Kb / 9P
MIL-PRF-38534 AND 38535 CERTIFIED FACILITY
MSK5980RH ANAREN-MSK5980RH Datasheet
408Kb / 9P
MIL-PRF-38534 AND 38535 CERTIFIED FACILITY
MSK5980VRHG ANAREN-MSK5980VRHG Datasheet
408Kb / 9P
MIL-PRF-38534 AND 38535 CERTIFIED FACILITY
MSK5983HRHG ANAREN-MSK5983HRHG Datasheet
610Kb / 9P
RAD HARD POSITIVE, 2.25A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
More results

Similar Description - MSK5986RH

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5979RH MSK-MSK5979RH Datasheet
1Mb / 8P
RAD HARD POSITIVE, 0.9A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
MSK5984RH MSK-MSK5984RH Datasheet
1Mb / 8P
RAD HARD POSITIVE, 2.8A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
logo
Anaren Microwave
MSK5953RH ANAREN-MSK5953RH Datasheet
1Mb / 9P
RAD HARD DUAL POSITIVE LDO ADJ VOLTAGE REGULATOR
MSK5965RH ANAREN-MSK5965RH Datasheet
429Kb / 7P
RAD HARD POSITIVE 0.9A, LOW NOISE, LDO ADJ VOLTAGE REGULATOR
MSK5970RH ANAREN-MSK5970RH Datasheet
422Kb / 8P
RAD HARD POSITIVE, 1.5 AMP, LOW DROPOUT ADJ VOLTAGE REGULATOR
MSK5978RH ANAREN-MSK5978RH Datasheet
1Mb / 9P
RAD HARD POSITIVE 0.7A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
MSK5979RH ANAREN-MSK5979RH Datasheet
1Mb / 8P
RAD HARD POSITIVE, 0.9A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
MSK5983RH ANAREN-MSK5983RH Datasheet
610Kb / 9P
RAD HARD POSITIVE, 2.25A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
MSK5984RH ANAREN-MSK5984RH Datasheet
539Kb / 8P
RAD HARD POSITIVE, 2.8A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
MSK5985RH ANAREN-MSK5985RH Datasheet
560Kb / 9P
RAD HARD POSITIVE, 1.9A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com