Electronic Components Datasheet Search
  English  ▼

X  

SLEV900 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SLEV900
Description  I-CODE Evaluation kit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SLEV900 Datasheet(HTML) 3 Page - NXP Semiconductors

  SLEV900 Datasheet HTML 1Page - NXP Semiconductors SLEV900 Datasheet HTML 2Page - NXP Semiconductors SLEV900 Datasheet HTML 3Page - NXP Semiconductors SLEV900 Datasheet HTML 4Page - NXP Semiconductors SLEV900 Datasheet HTML 5Page - NXP Semiconductors SLEV900 Datasheet HTML 6Page - NXP Semiconductors SLEV900 Datasheet HTML 7Page - NXP Semiconductors SLEV900 Datasheet HTML 8Page - NXP Semiconductors SLEV900 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2002 May 23
3
Philips Semiconductors
Product specification
I-CODE Evaluation kit
SLEV900
1
FEATURES
The evaluation kit comprises the following components:
• I-CODE(1) read/write device
• I-CODE antenna
• Power supply cable 24 V
• PC serial interface cable
• Ten I-CODE labels respectively inlets
• Three disks with:
– Demonstration software
– Evaluation software
– Source code.
• I-CODE evaluation kit user manual
• Interface protocol reader host description.
2
APPLICATIONS
• Easy plug and play demonstration of I-CODE
functionality
• Fast implementation of small applications and feasibility
studies.
3
GENERAL DESCRIPTION
The I-CODE evaluation kit offers a tool, which was
designed for two major purposes:
• Easy plug and play demonstration of I-CODE
functionality (with the use of the windows demo
software)
• Fast implementation of small applications and feasibility
studies (using the interface protocol description and the
C-software library). In addition the attached DOS based
evaluation software offers an easy possibility to evaluate
all commands, within the command set of the I-CODE
label IC. Moreover application specific configurations of
the demo reader may be performed with this software.
Since Philips Semiconductors is mainly focused on the
label IC, Philips does not produce complete inlets or
labels. Nevertheless we have attached labels and inlets of
manufacturers that already incorporated I-CODE in their
standard product range.
For detailed information on the I-CODE1 label IC
functionality encompassing the description of the memory
organisation, the serial number, write access conditions
special functions and family code, please refer to data
sheet
“SL1ICS3001 I-CODE1 Label IC”.
(1) I-CODE - is a trademark of Koninklijke Philips Electronics N.V.
4
ORDERING INFORMATION
TYPE NUMBER
NAME
ORDER CODE (12NC)
SLEV900/AFB
I-CODE Evaluation kit
9352 623 26122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com