Electronic Components Datasheet Search
  English  ▼

X  

SMM205 Datasheet(PDF) 14 Page - Summit Microelectronics, Inc.

Part # SMM205
Description  Dual Channel Supply Voltage Marginer and Active DC Output Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM205 Datasheet(HTML) 14 Page - Summit Microelectronics, Inc.

Back Button SMM205 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMM205 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMM205 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMM205 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMM205 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMM205 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMM205 Datasheet HTML 16Page - Summit Microelectronics, Inc. SMM205 Datasheet HTML 17Page - Summit Microelectronics, Inc. SMM205 Datasheet HTML 18Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
SMM205
Preliminary Information
Summit Microelectronics, Inc
2069 1.4 6/23/03
14
CONFIGURATION REGISTERS
The majority of the configuration registers are grouped
with the general-purpose memory. Writing and reading
the configuration registers is shown in Figures 10, 11
and 12.
Note: Configuration writes or reads of registers 00HEX
to 03HEX should not be performed while the SMM205
is margining.
GENERAL-PURPOSE MEMORY
The 1k-bit general-purpose memory is located at any
slave address. The bus address bits are hard wired
by the address pins A2, A1 and A0. Memory writes
and reads are shown in Figures 13, 14 and 15.
COMMAND AND STATUS REGISTERS
Writes and reads of the command and status registers
are shown in Figures 16 and 17.
GRAPHICAL USER INTERFACE (GUI)
Device configuration utilizing the Windows based
SMM205 graphical user interface (GUI) is highly
recommended. The software is available from the
Summit website (www.summitmicro.com). Using the
GUI in conjunction with this datasheet and Application
Note 38 simplifies the process of device prototyping
and the interaction of the various functional blocks. A
programming Dongle (SMX3200) is available from
Summit to communicate with the SMM205.
The
Dongle connects directly to the parallel port of a PC
and programs the device through a cable using the I
2C
bus protocol. See figure 8 and the SMX3200 Data
Sheet.
Slave Address Bus Address Register Type
Configuration Registers are located in
00 HEX thru 45HEX
ANY
A2 A1 A0
General-Purpose Memory is located in
80 HEX thru FFHEX
Table 1 - Address bytes used by the SMM205.
I2C PROGRAMMING INFORMATION (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com