Electronic Components Datasheet Search
  English  ▼

X  

SMP9410 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SMP9410
Description  Quad 10-Bit Nonvolatile DACPOT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SMP9410 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SMP9410 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMP9410 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMP9410 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMP9410 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMP9410 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMP9410 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMP9410 Datasheet HTML 7Page - List of Unclassifed Manufacturers SMP9410 Datasheet HTML 8Page - List of Unclassifed Manufacturers SMP9410 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
SMP9410
SUMMIT MICROELECTRONICS, Inc.
Preliminary Information
2056 2.0 10/04/02
2056 Elect TableB
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
o
i
t
i
d
n
o
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
e
c
n
a
m
r
o
f
r
e
P
c
i
t
a
t
S
Nn
o
i
t
u
l
o
s
e
R0
1s
t
i
B
L
N
Iy
c
a
r
u
c
c
A
e
v
i
t
a
l
e
RV
F
E
R
V
,
V
5
=
H
F
E
R
V
0
=
L2
–1
±2
B
S
L
L
N
Dy
t
i
r
a
e
n
il
n
o
n
l
a
i
t
n
e
r
e
f
f
i
D
V
F
E
R
V
,
V
5
=
H
F
E
R
V
0
=
L
c
i
n
o
t
o
n
o
m
d
e
e
t
n
a
r
a
u
G
1
–5
.
0
±1
B
S
L
E
S
Z
Vr
o
r
r
e
e
l
a
c
s
o
r
e
Z0
0
0
=
a
t
a
D
X
E
H
05
1V
m
S
F
Ve
g
a
t
l
o
v
e
l
a
c
s
ll
u
FF
F
3
=
a
t
a
D
X
E
H
V
F
E
R
H
B
S
L
1
–
V
V
C
T
e
r
u
t
a
r
e
p
m
e
t
e
l
a
c
s
ll
u
F
t
n
e
i
c
i
f
f
e
o
c
5
1
±m
p
p
r
o
r
r
e
t
e
s
f
f
O2
.
0
–2
.
0
+S
F
V
%
r
o
r
r
e
n
i
a
G5
.
0
–5
.
0
+%
e
c
n
a
m
r
o
f
r
e
P
g
n
i
h
c
t
a
M
r
o
r
r
e
g
n
i
h
c
t
a
m
y
t
i
r
a
e
n
i
L
1
±B
S
L
t
u
p
t
u
O
g
o
l
a
n
A
I
T
U
O
e
l
a
c
S
f
l
a
H
@
t
n
e
r
r
u
c
t
u
p
t
u
O
0
0
2
=
a
t
a
D
X
E
H
,
∆V
T
U
O
=±
,
B
S
L
3
V
F
E
R
H
X
V
=
D
D
V
5
=
5
2
.
0
-5
2
.
0
+A
m
G
E
R
D
Le
l
a
c
s
f
l
a
h
@
n
o
i
t
a
l
u
g
e
r
d
a
o
L0
0
2
=
a
t
a
D
X
E
H
k
1
=
L
R
,
Ω o
t
∞
13
B
S
L
C
L
d
a
o
l
e
v
i
t
i
c
a
p
a
Cn
o
i
t
a
ll
i
c
s
o
o
N0
0
5F
p
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
c
i
m
a
n
y
D
W
Bh
t
d
i
w
d
n
a
b
B
d
3
–k
0
1
=
R
Ω
0
0
1z
H
k
D
H
Tn
o
i
t
r
o
t
s
i
d
c
i
n
o
m
r
a
h
l
a
t
o
TV
1
=
A
V
S
M
R
z
H
k
1
=
f
,8
0
.
0%
n
o
i
t
a
l
o
s
i
l
e
n
n
a
h
c
-
o
t
-
l
e
n
n
a
h
C
V
,
z
H
k
1
=
f
N
I
V
m
0
0
1
=
P
P
V
n
o
F
E
R
H
0
6
–B
d
k
l
a
t
-
s
s
o
r
c
l
a
t
i
g
i
D
0
6
–B
d
s
e
g
a
t
l
o
V
e
c
n
e
r
e
f
e
R
V
F
E
R
HV
F
E
R
V
>
H
F
E
R
LV
D
D
V
V
F
E
R
LV
F
E
R
V
<
L
F
E
R
HD
N
GV
V
5
2
.
1
F
E
R
2
.
15
2
.
13
.
1V
DC OPERATING CHARACTERISTICS (CONTINUED)
(Over Recommended Operating Conditions; Voltages are relative to GND)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com