Electronic Components Datasheet Search
  English  ▼

X  

TDA9965A Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA9965A
Description  12-bit, 5.0 V, 40 Msps analog-to-digital interface for CCD cameras
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9965A Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA9965A Datasheet HTML 9Page - NXP Semiconductors TDA9965A Datasheet HTML 10Page - NXP Semiconductors TDA9965A Datasheet HTML 11Page - NXP Semiconductors TDA9965A Datasheet HTML 12Page - NXP Semiconductors TDA9965A Datasheet HTML 13Page - NXP Semiconductors TDA9965A Datasheet HTML 14Page - NXP Semiconductors TDA9965A Datasheet HTML 15Page - NXP Semiconductors TDA9965A Datasheet HTML 16Page - NXP Semiconductors TDA9965A Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
2004 Jul 05
13
Philips Semiconductors
Product specification
12-bit, 5.0 V, 40 Msps analog-to-digital
interface for CCD cameras
TDA9965A
handbook, full pagewidth
MGU861
CLPADC
(active HIGH)
CLPOB
(active HIGH)
OPTICAL BLACK
HORIZONTAL FLYBLACK
DUMMY
VIDEO
VIDEO
PGAOUT
CLPOB
WINDOW
CLPADC
WINDOW
1 pixel
CLPADC
WINDOW
1 pixel
Fig.6 Line frequency timing diagram.
handbook, halfpage
0
256
512
1024
PGA control DAC input code
GPGA
(dB)
48
12
24
0
36
768
FCE775
Fig.7
PGA gain as a function of PGA control DAC
input code.
handbook, halfpage
0000
0010
0100
CTH control code
BW
(MHz)
300
100
0
200
1000
1111
FCE758
Fig.8
CTH bandwidth as a function of CTH
control code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com