Electronic Components Datasheet Search
  English  ▼

X  

MX480 Datasheet(PDF) 1 Page - Caddock Electronics, Inc.

Part # MX480
Description  Type MX Precision High Voltage Resistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADDOCK [Caddock Electronics, Inc.]
Direct Link  http://www.caddock.com/
Logo CADDOCK - Caddock Electronics, Inc.

MX480 Datasheet(HTML) 1 Page - Caddock Electronics, Inc.

  MX480 Datasheet HTML 1Page - Caddock Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
28_IL113.0717
© 2003-2017 Caddock Electronics, Inc.
Sales and Applications Engineering
17271 North Umpqua Hwy.
Roseburg, Oregon 97470-9422
Phone: (541) 496-0700
Fax: (541) 496-0408
e-mail: caddock@caddock.com • web: www.caddock.com
For Caddock Distributors listed by country see caddock.com/contact/dist.html
ELECTRONICS, INC.
RATED POWER OR
RATED VOLTAGE, %
100
80
60
40
20
0
AMBIENT TEMPERATURE, °C
25
70
175
Type MX Precision High Voltage Resistors
1.500 ± .125
(38.10 ± 3.18)
A
B
C
The performance features of the Type MX Precision High
Voltage Resistors are:
• Five Models with Voltage Ratings from 7.5 KV to 32 KV.
• Temperature Coefficient: 80 ppm/°C from 0°C to +70°C.
• Load Life Stability of 0.50% per 1,000 hours.
• Resistance Tolerance: 1% Standard.
• Non-Inductive Design.
• Resistance Range from 1 Megohm to 1,000 Megohms.
Specifications:.
Temperature Coefficient: 80 ppm/°C referenced
to +25°C, ∆R taken at 0°C and +70°C.
Thermal Shock: Mil-Std-202, Method 107,
Cond. A, ∆R, 0.20% max.
Moisture Resistance: Mil-Std-202, Method 106,
∆
R, 1.0% max.
Load Life: 1,000 hours at rated voltage at +70°C,
not to exceed rated power, ∆R, 0.50% max.
Lead Material: Tinned copper clad steel,
solderable.
Encapsulation: Screen printed high temperature
silicone coating over resistor element.
Max.
Continuous
Oper. Volt.
Watt-
age
Model
No.
A
B
C
Dimensions in inches and (millimeters)
Resistance
Min.
Max.
MX431
.940 ±.040
(23.88 ±1.02)
.270 ±.020
(6.86 ±.51)
.040 ±.002
(1.02 ±.05)
MX440
1.450 ±.040
(36.83 ±1.02)
.270 ±.020
(6.86 ±.51)
.040 ±.002
(1.02 ±.05)
MX450
2.080 ±.040
(52.83 ±1.02)
.270 ±.020
(6.86 ±.51)
.040 ±.002
(1.02 ±.05)
MX480
3.080 ±.050
(78.23 ±1.27)
.270 ±.020
(6.86 ±.51)
.040 ±.002
(1.02 ±.05)
MX485
3.940 ±.050
(100.08 ±1.27)
.270 ±.020
(6.86 ±.51)
.040 ±.002
(1.02 ±.05)
2.0
3.5
5.0
7.5
10.0
7,500
11,000
16,000
24,000
32,000
80
80
80
80
80
1 Meg
1.5 Meg
2 Meg
3 Meg
4 Meg
150 Meg
300 Meg
500 Meg
750 Meg
1,000 Meg
TC
ppm/
°
C
The Type MX Precision High Voltage Resistors were
specifically developed for use in industrial and general purpose
high voltage systems. These resistors combine the proven
performance of Caddock's Micronox® resistance system
with new cost efficient design elements. These resistors
are intended for the design of high voltage systems where
the system is not exposed to full military or space grade
operating conditions. For full military or space grade operating
conditions, we recommend Caddock's Type TG Low TC
Precision High Voltage Resistors or Type MG Precision
High Voltage Resistors.
Cost Effective High Voltage Resistors for Industrial and General Purpose Applications
Type MX Resistors Utilize Caddock's Patented Coating Design
Derating Curve:
DIMENSIONS IN INCHES AND (MILLIMETERS)
MX431
MX450
MX480
MX485
MX440
MX485 -100M - 1%
Model Number:
Resistor Value:
Tolerance
Ordering Information:
Standard Resistance Values:
1.00 Meg
2.00 Meg
2.50 Meg
5.00 Meg
10.0 Meg
20.0 Meg
25.0 Meg
50.0 Meg
100 Meg
200 Meg
250 Meg
500 Meg
Non-standard (custom) resistance values are
available. Please contact Caddock Applications
Engineering.
Type MX Precision High Voltage
Resistors combine Caddock’s
Non-Inductive serpentine pattern
with a patented, high thru-put
screen printed silicone coating.
The alignment of the gap in the
coating pattern with the gap
in the serpentine resistor pattern
provides a complete encapsulation
of the resistor element. The cap
and lead assemblies are pressed
onto the resistor core, finishing
the resistor and providing rugged
terminal attachment.
1% tolerance standard
1000 Meg


Similar Part No. - MX480

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX480 ETC2-MX480 Datasheet
118Kb / 1P
PRECISION HIGH VOLTAGE RESISTORS
logo
Caddock Electronics, In...
MX480 CADDOCK-MX480 Datasheet
393Kb / 1P
Type MX Precision High Voltage Resistors
logo
Japan Aviation Electron...
MX48002HQ6R200 JAE-MX48002HQ6R200 Datasheet
57Kb / 2P
Automotive Connector, GVIF and LVDS transmission, High-speed transmission, 2 pos.,Key type B, Housing color Gray, PCB side connector
MX48002NQ1 JAE-MX48002NQ1 Datasheet
148Kb / 3P
Automotive Connector, GVIF and LVDS transmission, High-speed transmission, 2 pos.,Key type A, Housing color Light blue,PCB side connector
MX48002NQ2 JAE-MX48002NQ2 Datasheet
57Kb / 2P
Automotive Connector, GVIF and LVDS transmission, High-speed transmission, 2 pos.,Key type B, Housing color White, PCB side connector
More results

Similar Description - MX480

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX431 ETC2-MX431 Datasheet
118Kb / 1P
PRECISION HIGH VOLTAGE RESISTORS
MG650 ETC2-MG650 Datasheet
310Kb / 2P
Precision High Voltage Resistors
HVE20 ETC-HVE20 Datasheet
447Kb / 1P
Precision high voltage resistors
logo
Caddock Electronics, In...
MG780 CADDOCK-MG780 Datasheet
324Kb / 2P
Type MG Precision High Voltage Resistors
logo
RHOPOINT COMPONENTS
USG1105-50M-0.10-10 RHOPOINT-USG1105-50M-0.10-10 Datasheet
342Kb / 1P
Type USG Ultra-Stable Precision High Voltage Resistors
logo
Caddock Electronics, In...
MG650 CADDOCK-MG650 Datasheet
324Kb / 2P
Type MG Precision High Voltage Resistors
MX431 CADDOCK-MX431 Datasheet
393Kb / 1P
Type MX Precision High Voltage Resistors
TG931 CADDOCK-TG931 Datasheet
165Kb / 1P
Type TG Low TC Precision High Voltage Resistors
TG931 CADDOCK-TG931_17 Datasheet
723Kb / 1P
Type TG Low TC Precision High Voltage Resistors
USG1105 CADDOCK-USG1105 Datasheet
613Kb / 1P
Type USG Ultra-Stable Precision High Voltage Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com