Electronic Components Datasheet Search
  English  ▼

X  

S71PL032J Datasheet(PDF) 49 Page - SPANSION

Part # S71PL032J
Description  STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL032J Datasheet(HTML) 49 Page - SPANSION

Back Button S71PL032J Datasheet HTML 45Page - SPANSION S71PL032J Datasheet HTML 46Page - SPANSION S71PL032J Datasheet HTML 47Page - SPANSION S71PL032J Datasheet HTML 48Page - SPANSION S71PL032J Datasheet HTML 49Page - SPANSION S71PL032J Datasheet HTML 50Page - SPANSION S71PL032J Datasheet HTML 51Page - SPANSION S71PL032J Datasheet HTML 52Page - SPANSION S71PL032J Datasheet HTML 53Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 196 page
background image
August 12, 2004 S29PL127J_064J_032J_MCP_00_A3
S29PL127J/S29PL064J/S29PL032J for MCP
49
Advance
I n f o rmatio n
Autoselect Mode
The autoselect mode provides manufacturer and device identification, and sector
protection verification, through identifier codes output on DQ7–DQ0. This mode
is primarily intended for programming equipment to automatically match a device
to be programmed with its corresponding programming algorithm. However, the
autoselect codes can also be accessed in-system through the command register.
When using programming equipment, the autoselect mode requires VID on ad-
dress pin A9. Address pins must be as shown in Table 8 and Table 11. In addition,
when verifying sector protection, the sector address must appear on the appro-
priate highest order address bits (see Table 3). Table 8 and Table 11 show the
remaining address bits that are don’t care. When all necessary bits have been set
as required, the programming equipment may then read the corresponding iden-
tifier code on DQ7–DQ0. However, the autoselect codes can also be accessed in-
system through the command register, for instances when the device is erased
or programmed in a system without access to high voltage on the A9 pin. The
command sequence is illustrated in Table 17. Note that if a Bank Address (BA)
(on address bits PL127J: A22–A20, PL064J: A21–A19, PL032J: A20–A18) is as-
serted during the third write cycle of the autoselect command, the host system
can read autoselect data that bank and then immediately read array data from
the other bank, without exiting the autoselect mode.
To access the autoselect codes in-system, the host system can issue the autose-
lect command via the command register, as shown in Table 17. This method does
not require VID. Refer to the Autoselect Command Sequence for more
information.
Legend: L = Logic Low = VIL, H = Logic High = VIH, BA = Bank Address, SA = Sector Address, X = Don’t care.
Note: The autoselect codes may also be accessed in-system via command sequences
Table 8. Autoselect Codes (High Voltage Method)
Description
CE#
OE#
WE#
Amax
to
A12
A1
0
A9 A8
A7
A6
A5
to
A4
A3
A2
A1
A0
DQ15
to DQ0
Manufacturer ID:
Spansion
products
L
L
H
BA
X
VID
X
L
L
X
L
L
L
L
0001h
Read
Cycle 1
L
L
H
BA
X
VID
X
L
L
L
L
L
L
H
227Eh
Read
Cycle 2
L
H
H
H
L
2220h (PL127J)
2202h (PL064J)
220Ah (PL032J)
Read
Cycle 3
L
H
H
H
H
2200h (PL127J)
2201h (PL064J)
2201h (PL032J)
Sector Protection
Verification
L
L
H
SA
X
VID
X
L
L
L
L
L
H
L
0001h (protected),
0000h (unprotected)
Secured Silicon
Indicator Bit
(DQ7, DQ6)
L
L
H
BA
X
VID
X
X
L
X
L
L
H
H
00C4h (factory and
customer locked), 0084h
(factory locked), 0004h
(not locked)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com