Electronic Components Datasheet Search
  English  ▼

X  

USVD2 Datasheet(PDF) 1 Page - Caddock Electronics, Inc.

Part # USVD2
Description  Ultra-Precision Voltage Dividers - 450 Volts to 5 KV
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADDOCK [Caddock Electronics, Inc.]
Direct Link  http://www.caddock.com/
Logo CADDOCK - Caddock Electronics, Inc.

USVD2 Datasheet(HTML) 1 Page - Caddock Electronics, Inc.

  USVD2 Datasheet HTML 1Page - Caddock Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2003-2017 Caddock Electronics, Inc.
Sales and Applications Engineering
17271 North Umpqua Hwy.
Roseburg, Oregon 97470-9422
Phone: (541) 496-0700
Fax: (541) 496-0408
e-mail: caddock@caddock.com • web: www.caddock.com
For Caddock Distributors listed by country see caddock.com/contact/dist.html
ELECTRONICS, INC.
28_IL132.0717
Type USVD Ultra-Precision Voltage Dividers have the
very highest precision available in voltage dividers in the range of 450
Volts DC up to 2000 Volts DC. These dividers are formed by bonding
together two selected Type USF Ultra-Precision Resistors. The precise
selection of these high performance resistors, which form the voltage
dividers, makes possible the outstanding voltage division performance.
Ratio Tolerance as tight as 0.01% and Ratio TC of 2ppm/°C.
Type USVD and Type HVD
Ultra-Precision Voltage Dividers - 450 Volts to 5 KV
Specifications:
Absolute Tolerance: ±0.10% for all resistors,
measured at +23°C ±2°C.
Ratio Tolerance (RT : R2): See table.
Ratio Tolerance measured at +23°C ±2°C,
at 100 volts DC applied to the divider.
Absolute TC: USVD2: 10 ppm/°C, HVD5: 30 ppm/°C,
referenced to +25°C, ∆R taken at -40°C and +85°C.
Ratio Temperature Coefficient (RT : R2): See
table. Ratio Temperature Coefficient from -40°C to
+85°C.
Ratio Voltage Coefficient (RT : R2): See table.
Maximum Ratio V.C. measured at 10% of Vmax.
to 100% of Vmax.
Voltage Rating: Maximum voltage (volts DC)
applied to RT = (R1 + R2). See table.
Load Life Stability: Ratio stability with maximum
continuous operating voltage applied to the divider
for 1000 hours at +85°C, ratio change 0.02% max.
Overvoltage: 1.5 times rated voltage for 5
seconds, ratio change 0.02% max.
Thermal Shock: Mil-Std-202. Method 107, Cond. A,
except minimum temperature is -40°C, ratio change
0.02% max.
Operating Temperature: -40°C to +85°C
Type HVD Ultra-Precision Voltage Dividers are
monolithic voltage dividers built with ceramic sandwich construction.
These voltage dividers have ultra-precision performance in the
range of 1500 volts DC to 5000 volts DC, with a Ratio Tolerance of
0.05% and Ratio TC of 5ppm/°C. These dividers are ideal for high
performance voltage division applications in medical equipment,
laboratory equipment, analytical instruments, etc.
Part Number
Resistance
R1
R2
USVD2 - B1M - 010 - 02
USVD2 - B1M - 025 - 02
USVD2 - B2M - 010 - 02
USVD2 - B2M - 025 - 02
USVD2 - A10M - 010 - 02
USVD2 - A10M - 025 - 02
USVD2 - B10M - 010 - 02
USVD2 - B10M - 025 - 02
USVD2 - A20M - 010 - 02
USVD2 - A20M - 025 - 02
USVD2 - B20M - 010 - 02
USVD2 - B20M - 025 - 02
HVD5 - A10M - 050 - 05
HVD5 - B10M - 050 - 05
HVD5 - A20M - 050 - 05
HVD5 - B20M - 050 - 05
HVD5 - A50M - 050 - 05
HVD5 - B50M - 050 - 05
Vmax
Voltage
Division
(RT : R2)
RT = R1 + R2
Ratio
Tolerance
(RT : R2)
Ratio T.C.
(RT : R2)
Ratio V.C.
(RT : R2)
450
450
650
650
1400
1400
1400
1400
2000
2000
2000
2000
1500
1500
2500
2500
5000
5000
100 : 1
100 : 1
100 : 1
100 : 1
1,000 : 1
1,000 : 1
100 : 1
100 : 1
1,000 : 1
1,000 : 1
100 : 1
100 : 1
1,000 : 1
100 : 1
1,000 : 1
100 : 1
1,000 : 1
100 : 1
990 K
990 K
1.98 Meg
1.98 Meg
9.99 Meg
9.99 Meg
9.9 Meg
9.9 Meg
19.98 Meg
19.98 Meg
19.8 Meg
19.8 Meg
9.99 Meg
9.9 Meg
19.98 Meg
19.8 Meg
49.95 Meg
49.5 Meg
10 K
10 K
20 K
20 K
10 K
10 K
100 K
100 K
20 K
20 K
200 K
200 K
10 K
100 K
20 K
200 K
50 K
500 K
1 Meg
1 Meg
2 Meg
2 Meg
10 Meg
10 Meg
10 Meg
10 Meg
20 Meg
20 Meg
20 Meg
20 Meg
10 Meg
10 Meg
20 Meg
20 Meg
50 Meg
50 Meg
0.01%
0.025%
0.01%
0.025%
0.01%
0.025%
0.01%
0.025%
0.01%
0.025%
0.01%
0.025%
0.05%
0.05%
0.05%
0.05%
0.05%
0.05%
2 ppm/°C
2 ppm/°C
2 ppm/°C
2 ppm/°C
2 ppm/°C
2 ppm/°C
2 ppm/°C
2 ppm/°C
2 ppm/°C
2 ppm/°C
2 ppm/°C
2 ppm/°C
5 ppm/°C
5 ppm/°C
5 ppm/°C
5 ppm/°C
5 ppm/°C
5 ppm/°C
0.05 ppm/V
0.05 ppm/V
0.02 ppm/V
0.02 ppm/V
0.02 ppm/V
0.02 ppm/V
0.02 ppm/V
0.02 ppm/V
0.02 ppm/V
0.02 ppm/V
0.02 ppm/V
0.02 ppm/V
0.02 ppm/V
0.02 ppm/V
0.02 ppm/V
0.02 ppm/V
0.04 ppm/V
0.04 ppm/V
Fig.
1
1
1
1
1
1
1
1
1
1
1
1
2
2
2
2
2
2
Continuous
Operating
Voltage
(VDC)
Pin 1
Pin 1
Input
Pin 2
To be held
near ground
Pin 1, 2, and 3
Input
Pin 6
To be held
near ground
Pin1
See note
Note: Lead form detail provides interference
in the circuit board hole to achieve a vertical
mount of the device. Recommended circuit
board hole is nominally 0.039 inch (.99 mm).
Circuit Board
Trace
4
2
1
3
R1
R2
Marking Side
1.500 ±.020
(38.1 ±.51)
.500 ±.020
(12.7 ±.51)
.200 ±.020
(5.08 ±.51)
.800 ±.020
(20.32 ±.51)
1.350 ±.020
(34.29 ±.51)
.032 DIA.
(.81 DIA.)
CADDOCK
USVD2-A20M-010-02
0622
.115 ±.020
(2.92 ±.51)
0.110 Max.
(2.79 Max.)
0.010 ±.002
(0.25 ±.05)
CADDOCK
HVD5-A50M-050-05
0247
0.050 ±0.015
(1.27 ±0.38)
0.610 Max.
(15.5 Max.)
0.100 (2.54)
0.150 ±.040
(3.81 ±1.0)
0.020 ±.002
(0.51 ±.05)
0.900
(22.86)
0.100 (2.54)
0.100 (2.54)
0.200 (5.08)
1.500 ±.020
(38.10 ±
.51)
.500 ±.125
(12.7 ±3.18)
FIG. 1
FIG. 2
CADDOCK
HVD5-A50M-050-05
0609
Marking Side
.155 ±.025
(3.94 ±..64)
1
4
6
R1
R2
2 3
5
Custom Type USVD and Type HVD
Voltage Dividers: For high quantity applications
(greater than 1000 per year) these voltage dividers
can be produced with custom voltage division ratios and
ratio specifications that optimize the performance and
the cost for your application.


Similar Part No. - USVD2

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
USVD2-A-10M-010-02 RHOPOINT-USVD2-A-10M-010-02 Datasheet
384Kb / 1P
Ultra-Precision Voltage Dividers
USVD2-A-10M-025-02 RHOPOINT-USVD2-A-10M-025-02 Datasheet
384Kb / 1P
Ultra-Precision Voltage Dividers
USVD2-A-20M-010-02 RHOPOINT-USVD2-A-20M-010-02 Datasheet
384Kb / 1P
Ultra-Precision Voltage Dividers
USVD2-A-20M-025-02 RHOPOINT-USVD2-A-20M-025-02 Datasheet
384Kb / 1P
Ultra-Precision Voltage Dividers
USVD2-B-10M-010-02 RHOPOINT-USVD2-B-10M-010-02 Datasheet
384Kb / 1P
Ultra-Precision Voltage Dividers
More results

Similar Description - USVD2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFT102 ETC-SFT102 Datasheet
284Kb / 6P
0.5AMP HIGH VOLTAGE NPN TRANSISTOR 450 VOLTS
logo
Maxim Integrated Produc...
MAX5430 MAXIM-MAX5430 Datasheet
186Kb / 7P
/-15V Digitally Programmable Precision Voltage-Dividers for PGAs
Rev 1; 1/02
logo
Solid States Devices, I...
SDA345 SSDI-SDA345 Datasheet
197Kb / 2P
ULTRA FAST HIGH VOLTAGE ASSEMBLY UP TO 10 KV 250 mA
SDA346 SSDI-SDA346 Datasheet
194Kb / 2P
ULTRA FAST HIGH VOLTAGE ASSEMBLY UP TO 30 KV 250 mA
logo
List of Unclassifed Man...
1776-C67 ETC2-1776-C67 Datasheet
222Kb / 2P
Precision Decade Resistor Voltage Dividers
logo
American Accurate Compo...
HVP57057FB AAC-HVP57057FB Datasheet
105Kb / 1P
Ultra High Voltage Resistors Up to 5 Gig ohm, 250 Watt and 300 KV DC
logo
Analog Devices
ADUM6000 AD-ADUM6000 Datasheet
401Kb / 16P
Isolated, 5 kV, DC-to-DC Converter
REV. D
logo
RHOPOINT COMPONENTS
USVD2-B1M-010-02 RHOPOINT-USVD2-B1M-010-02 Datasheet
384Kb / 1P
Ultra-Precision Voltage Dividers
logo
Vishay Siliconix
REC110L VISHAY-REC110L_V01 Datasheet
412Kb / 5P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com