Electronic Components Datasheet Search
  English  ▼

X  

DNLS350Y Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DNLS350Y
Description  LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DNLS350Y Datasheet(HTML) 6 Page - Diodes Incorporated

  DNLS350Y Datasheet HTML 1Page - Diodes Incorporated DNLS350Y Datasheet HTML 2Page - Diodes Incorporated DNLS350Y Datasheet HTML 3Page - Diodes Incorporated DNLS350Y Datasheet HTML 4Page - Diodes Incorporated DNLS350Y Datasheet HTML 5Page - Diodes Incorporated DNLS350Y Datasheet HTML 6Page - Diodes Incorporated DNLS350Y Datasheet HTML 7Page - Diodes Incorporated DNLS350Y Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DNLS350Y
Document number: DS31208 Rev. 6 - 2
6 of 8
www.diodes.com
June 2017
© Diodes Incorporated
DNLS350Y
Typical Electrical Characteristics (@TA = +25°C, unless otherwise specified.) (Cont.)
I , COLLECTOR CURRENT (mA)
C
f
,
C
U
R
R
E
N
T
G
A
I
N
-
B
A
N
D
W
I
D
T
H
P
R
O
D
U
C
T
(
M
H
z
)
T
Typical Gain-Bandwidth Product vs. Collector Current
0
30
60
90
120
150
180
210
240
0
20
40
60
80
100
V
= 5V
f = 100MHz
CE
V , REVERSE VOLTAGE (V)
R
Typical Output Capacitance Characteristics
10
100
0.01
0.1
1
f = 1MHz
10
100
0
0.2
0.4
0.6
0.8
1.0
1.2
I , COLLECTOR CURRENT (A)
C
V
,
B
A
S
E
-
E
M
I
T
T
E
R
S
A
T
U
R
A
T
I
O
N
V
O
L
T
A
G
E
(
V
)
B
E
(
S
A
T
)
Typical Base-Emitter Saturation Voltage
vs. Collector Current
0.0001
0.001
0.01
0.1
1
10



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com