Electronic Components Datasheet Search
  English  ▼

X  

DXT2907A Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DXT2907A
Description  60V PNP TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DXT2907A Datasheet(HTML) 3 Page - Diodes Incorporated

  DXT2907A Datasheet HTML 1Page - Diodes Incorporated DXT2907A Datasheet HTML 2Page - Diodes Incorporated DXT2907A Datasheet HTML 3Page - Diodes Incorporated DXT2907A Datasheet HTML 4Page - Diodes Incorporated DXT2907A Datasheet HTML 5Page - Diodes Incorporated DXT2907A Datasheet HTML 6Page - Diodes Incorporated DXT2907A Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DXT2907A
Document number: DS30944 Rev. 6 - 2
3 of 7
www.diodes.com
January 2016
© Diodes Incorporated
DXT2907A
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
BVCBO
-60
-120
—
V
IC = -100µA
Collector-Emitter Breakdown Voltage (Note 8)
BVCEO
-60
-80
—
V
IC = -10mA
Emitter-Base Breakdown Voltage
BVEBO
-5
-8.8
—
V
IE = -100µA
Collector Cut-off Current
ICBO
—
-1
-50
nA
VCB = -50V
—
—
-50
µA
VCB = -50V, TA = +100°C
Collector Cutoff Current
ICEX
—
-50
nA
VCE = -30V, VEB(OFF) = -0.5V
Emitter Cut-off Current
IEBO
—
—
-50
nA
VEB = -5V
ON CHARACTERISTICS (Note 8)
Static Forward Current Transfer Ratio
hFE
75
208
—
—
IC = -100A, VCE = -10V
100
207
—
—
IC = -1mA, VCE = -10V
100
202
—
—
IC = -10mA, VCE = -10V
100
169
300
—
IC = -150mA, VCE = -10V
50
103
—
—
IC = -500mA, VCE = -10V
Collector-Emitter Saturation Voltage
VCE(SAT)
—
-130
-400
mV
IC = -150mA, IB = -15mA
—
-0.4
-1.6
V
IC = -500mA, IB = -50mA
Base-Emitter Saturation Voltage
VBE(SAT))
—
-0.86
-1.3
V
IC = -150mA, IB = -15mA
—
-1
-2.6
V
IC = -500mA, IB = -50mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
—
—
8
pF
VCB = -10V, IE = 0, f = 1MHz
Input Capacitance
Cibo
—
30
pF
VEB = -2V, f = 1MHz, IC = 0
Current Gain-Bandwidth Product
fT
200
—
MHz
VCE = -20V, IC = -50mA,
f = 100MHz
SWITCHING CHARACTERISTICS
Turn-On Time
tON
45
ns
VCC = -30V, IC = -150mA,
IB1 = -15mA
Delay Time
tD
10
ns
Rise Time
tR
40
ns
Turn-Off Time
tOFF
100
ns
VCC = -6V, IC = -150mA,
IB1 =IB2 = -15mA
Storage Time
tS
80
ns
Fall Time
tF
30
ns
Note:
8. Measured under pulsed conditions. Pulse
width ≤ 300µs. Duty cycle ≤ 2%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com