Electronic Components Datasheet Search
  English  ▼

X  

FCX458 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # FCX458
Description  400V NPN HIGH VOLTAGE TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FCX458 Datasheet(HTML) 2 Page - Diodes Incorporated

  FCX458_17 Datasheet HTML 1Page - Diodes Incorporated FCX458_17 Datasheet HTML 2Page - Diodes Incorporated FCX458_17 Datasheet HTML 3Page - Diodes Incorporated FCX458_17 Datasheet HTML 4Page - Diodes Incorporated FCX458_17 Datasheet HTML 5Page - Diodes Incorporated FCX458_17 Datasheet HTML 6Page - Diodes Incorporated FCX458_17 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FCX458
Document number: DS33053 Rev. 7 - 2
2 of 7
www.diodes.com
April 2017
© Diodes Incorporated
FCX458
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
400
V
Collector-Emitter Voltage
VCEO
400
V
Emitter-Base Voltage
VEBO
7
V
Continuous Collector Current
IC
225
mA
Peak Pulse Current
ICM
500
mA
Base Current
IB
200
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 5)
PD
0.7
W
(Note 6)
1
(Note 7)
1.5
(Note 8)
2
Thermal Resistance, Junction to Ambient Air
(Note 5)
RJA
178
°C/W
(Note 6)
125
(Note 7)
83
(Note 8)
60
Thermal Resistance, Junction to Lead
(Note 9)
RJL
22
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
ESD Ratings (Note 10)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge - Human Body Model
ESD HBM
4,000
V
3A
Electrostatic Discharge - Machine Model
ESD MM
400
V
C
Notes:
5. For a device mounted with the exposed collector pad on minimum recommended pad layout (MRP) 1oz copper that is on a single-sided
1.6mm FR4 PCB; device is measured under still air conditions whilst operating in a steady-state.
6. Same as Note 5, except the device is mounted with the exposed collector pad on 15mm x 15mm 1oz copper.
7. Same as Note 5, except the device is mounted with the exposed collector pad on 25mm x 25mm 1oz copper.
8. Same as Note 5, except the device is mounted with the exposed collector pad on 50mm x 50mm 1oz copper.
9. Thermal resistance from junction to solder-point (on the exposed collector pad).
10. Refer to JEDEC specification JESD22-A114 and JESD22-A115.
Thermal Characteristics and Derating Information
0
500
1000
1500
2000
2500
0
1
2
3
0
500
1000
1500
2000
2500
40.0
60.0
80.0
100.0
120.0
140.0
2oz copper
1oz copper
T
A
=25°C
Copper Area (sqmm)
2oz copper
1oz copper
Copper Area (sqmm)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com