Electronic Components Datasheet Search
  English  ▼

X  

LTO-150 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LTO-150
Description  Clip Mount Power Resistor Thick Film Technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LTO-150 Datasheet(HTML) 2 Page - Vishay Siliconix

  LTO-150 Datasheet HTML 1Page - Vishay Siliconix LTO-150 Datasheet HTML 2Page - Vishay Siliconix LTO-150 Datasheet HTML 3Page - Vishay Siliconix LTO-150 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LTO 150
www.vishay.com
Vishay Sfernice
Revision: 15-Feb-18
2
Document Number: 50071
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CHOICE OF THE HEATSINK
The user must choose according to the working conditions of the component (power, room temperature).
Maximum working temperature must not exceed 175 °C. The dissipated power is simply calculated by the following ratio:
P:
Expressed in W
T:
Difference between maximum working temperature and room temperature
RTH (j - c): Thermal resistance value measured between resistive layer and outer side of the resistor. It is the thermal resistance of the 
component.
RTH (c - h): Thermal resistance value measured between outer side of the resistor and upper side of the heatsink. This is the thermal resistance 
of the interface (grease, thermal pad), and the quality of the fastening device.
RTH (h - a): Thermal resistance of the heatsink
Example:
RTH (c - h) + RTH (h - a) for LTO 150 power rating 10 W at ambient temperature +25 °C
Thermal resistance RTH (j - c): 0.87 °C/W 
Considering equation (1) we have:
T = 175 °C - 25 °C = 150 °C 
RTH (j - c) + RTH (c - h) + RTH (h - a) =
=
= 15 °C/W
RTH (c - h) + RTH (h - a) = 15 °C/W - 0.87 °C/W = 14.13 °C/W
Example with a thermal grease RTH (c - h) = 0.5 °C/W, we need a heatsink with RTH (h - a) = 13.63 °C/W
PERFORMANCE
TESTS
CONDITIONS
REQUIREMENTS
Momentary Overload
IEC 60115-1
1.5 Pr/5 s
US < 1.5 UL
± (0.5 % + 0.005
)
Load Life
IEC 60115-1
1000 h Pr (free air) at +25 °C 90/30
± (1 % + 0.005
)
High Temperature Exposure
AEC-Q200 REV D conditions:
MIL-STD-202 method 108
1000 h, +175 °C, unpowered
± (0.5 % + 0.005
)
Temperature Cycling
AEC-Q200 REV D conditions:
JESD22 method JA-104
1000 cycles, -55 °C to +125 °C
dwell time -15 min
± (1 % + 0.005
)
Biased Humidity
AEC-Q200 REV D conditions:
MIL-STD-202 method 103
1000 h, 85 °C, 85 % RH (10 % of free air power)
± (1 % +0.005
)
Operational Life
AEC-Q200 REV D conditions:
MIL-STD-202 method 108
1000 h, 90/30, powered (free air) at +125 °C
± (1 % +0.005
)
ESD Human Body Model
AEC-Q200 REV D conditions:
AEC-Q200-002 IEC 61000-4-2
25 kVAD
± (0.5 % +0.005
)
Vibration
AEC-Q200 REV D conditions:
MIL-STD-202 method 204
5 g’s for 20 min, 12 cycles
test from 10 Hz to 2000 Hz
± (0.5 % +0.005
)
Mechanical Shock
AEC-Q200 REV D conditions:
MIL-STD-202 method 213
100 g’s, 6 ms, 3.75 m/s
3 shocks/direction
± (0.5 % +0.005
)
Terminal Strength
AEC-Q200 REV D conditions:
AEC-Q200-006
2 kgf, 60 sec
± (0.25 % +0.01
)
SPECIAL FEATURES
Resistance Values
 0.015
 0.1
> 20
Tolerances
± 1 % at ± 10 %
Typical Temperature Coefficient
(-55 ° to +175 °C)
± 900 ppm/°C
± 350 ppm/°C
± 200 ppm/°C
P =
T
R
TH (j - c)

R
TH (c - h)

R
TH (h - a)

++
-----------------------------------------------------------------------------------
1

T
P
-------
150
10
-----------



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com