Electronic Components Datasheet Search
  English  ▼

X  

TLWB7900 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLWB7900
Description  TELUX LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLWB7900 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLWB7900 Datasheet HTML 1Page - Vishay Siliconix TLWB7900 Datasheet HTML 2Page - Vishay Siliconix TLWB7900 Datasheet HTML 3Page - Vishay Siliconix TLWB7900 Datasheet HTML 4Page - Vishay Siliconix TLWB7900 Datasheet HTML 5Page - Vishay Siliconix TLWB7900 Datasheet HTML 6Page - Vishay Siliconix TLWB7900 Datasheet HTML 7Page - Vishay Siliconix TLWB7900 Datasheet HTML 8Page - Vishay Siliconix TLWB7900 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TLWB / BG / O / R / TG / W / Y7900
Document Number 83144
Rev. 1.8, 14-Jan-05
Vishay Semiconductors
www.vishay.com
1
19232
e3 Pb
Pb-free
TELUX™ LED
Description
The TELUX™ series is a clear, non diffused LED for
high end applications where supreme luminous flux is
required.
It is designed in an industry standard 7.62 mm square
package utilizing highly developed (AS) AllnGaP and
InGaN technologies.
The supreme heat dissipation of TELUX™ allows
applications at high ambient temperatures.
All packing units are binned for luminous flux and
color to achieve best homogenous light appearance
in application.
Features
• Utilizing (AS) AlInGaP and InGaN technologies
• High luminous flux
• Supreme heat dissipation: RthJP is 90 K/W
• High operating temperature:
Tamb = - 40 to + 110 °C
• Type TLWR meets SAE and ECE color require-
ments
• Packed in tubes for automatic insertion
• Luminous flux and color categorized for
each tube
• Small mechanical tolerances allow precise usage
of external reflectors or lightguides
• TLWR and TLWY types additionally
forward voltage categorized
• ESD-withstand voltage:
> 2 kV acc. to MIL STD 883 D, Method 3015.7
for AlInGaP, > 1 kV for InGaN
• Lead-free device
Applications
Exterior lighting
Dashboard illumination
Tail-, Stop - and Turn Signals of motor vehicles
Replaces incandescent lamps
Traffic signals and signs
Parts Table
Part
Color, Luminous Intensity
Angle of Half Intensity (±
ϕ)
Technology
TLWR7900
Red,
φ
V = 2100 mlm (typ.)
45 °
AllnGaP on GaAs
TLWO7900
Softorange,
φ
V = 2100 mlm (typ.)
45 °
AllnGaP on GaAs
TLWY7900
Yellow,
φ
V = 1400 mlm (typ.)
45 °
AllnGaP on GaAs
TLWTG7900
True green,
φ
V = 900 mlm (typ.)
45 °
InGaN on SiC
TLWBG7900
Blue green,
φ
V = 700 mlm (typ.)
45 °
InGaN on SiC
TLWB7900
Blue,
φ
V = 330 mlm (typ.)
45 °
InGaN on SiC
TLWW7900
White,
φ
V = 650 mlm (typ.)
45 °
InGaN / TAG on SiC


Similar Part No. - TLWB7900

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
TLW-106-06-G-S SAMTEC-TLW-106-06-G-S Datasheet
1Mb / 1P
LOW PROFILE .025" SQ POST HEADERS
logo
Texas Instruments
TLW.8600 TI-TLW.8600 Datasheet
191Kb / 7P
clear, non diffused LED
logo
Omron Electronics LLC
TLW5MB12M0MC OMRON-TLW5MB12M0MC Datasheet
223Kb / 8P
Miniature Inductive Prox
logo
Toshiba Semiconductor
TLWA1100 TOSHIBA-TLWA1100 Datasheet
271Kb / 8P
Panel Circuit Indicator
TLWA1100T11 TOSHIBA-TLWA1100T11 Datasheet
271Kb / 8P
Panel Circuit Indicator
More results

Similar Description - TLWB7900

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLWW8600 VISHAY-TLWW8600 Datasheet
172Kb / 6P
TELUX LED
22-Apr-03
TLWR8900 VISHAY-TLWR8900 Datasheet
228Kb / 8P
TELUX LED
15-Dec-10
VLWB9600 VISHAY-VLWB9600 Datasheet
291Kb / 7P
TELUX LED
15-Dec-10
VLWR9630 VISHAY-VLWR9630 Datasheet
299Kb / 7P
TELUX LED
14-Jun-12
VLWW9900 VISHAY-VLWW9900 Datasheet
295Kb / 8P
TELUX LED
15-Dec-10
VLWY9930 VISHAY-VLWY9930 Datasheet
292Kb / 7P
TELUX LED
14-Jun-12
TLWR9600 VISHAY-TLWR9600_V01 Datasheet
220Kb / 5P
TELUX LED
07-Oct-15
VLWB9900 VISHAY-VLWB9900_V01 Datasheet
322Kb / 7P
TELUX LED
20-Sep-2021
TLWY7900 VISHAY-TLWY7900_V02 Datasheet
303Kb / 9P
TELUX LED
07-Oct-15
TLWY8900 VISHAY-TLWY8900_V02 Datasheet
330Kb / 9P
TELUX LED
18-Apr-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com