Electronic Components Datasheet Search
  English  ▼

X  

PE3C4057 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C4057
Description  Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable Using RG316-DS Coax
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C4057 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C4057 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C4057 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C4057 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C4057 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C4057 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Configuration
• Connector 1: Snap-On MMBX Plug Right Angle
• Connector 2: N Female Bulkhead
• Cable Type: RG316-DS
Features
• Max. Operating Frequency of 3 GHz
• Snap-On mating
•
Low Profile Right Angle Configurations
• SMA Bulkhead, N Bulkhead and TNC Bulkhead Between-
Series Configurations
Applications
•
General Purpose Test
• PCB Probing
•
PCB Testing
• PCB-to-Panel
.
Description
Pasternack’s MMBX cable assemblies are part of our full line of RF components available for same-day shipping. These
MMBX cable assemblies are designed to connect MMBX system components or test connections, delivering signal frequen-
cies as high as 3 GHz. Our family of MMBX cables can also be used to connect from PCB to panel, offering between series
MMBX options with SMA Bulkhead, TNC Bulkhead and N Bulkhead assembly configurations. If none of our standard options
fit your application, you can specify your own custom MMBX cable assembly using Pasternack’s online Cable Creator.
Our MMBX cable assembly datasheet specifications and drawing with dimensions are shown below in this PDF. Pasternack’s
broad catalog of RF, microwave and millimeter wave cable assemblies allow designers to configure and customize their signal
connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom cable
assembly configuration, Pasternack has the right cable assemblies for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
VSWR
1.4:1
Return Loss
-15.56
dB
Insertion Loss
0.467
dB/ft
1.53
dB/m
Velocity of Propagation
70
%
Capacitance
29.4 [96.46]
pF/ft [pF/m]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable Using RG316-DS Coax
PE3C4057
PE3C4057 REV 1.0
Snap-On MMBX Plug Right Angle to N Female
Bulkhead Cable Using RG316-DS Coax
RF Cable Assemblies Technical Data Sheet
PE3C4057


Similar Part No. - PE3C4057

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C4057-12 PASTERNACK-PE3C4057-12 Datasheet
475Kb / 5P
Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable 12 Inch Length Using RG316-DS Coax
PE3C4057-18 PASTERNACK-PE3C4057-18 Datasheet
475Kb / 5P
Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable 18 Inch Length Using RG316-DS Coax
PE3C4057-24 PASTERNACK-PE3C4057-24 Datasheet
475Kb / 5P
Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable 24 Inch Length Using RG316-DS Coax
PE3C4057-4 PASTERNACK-PE3C4057-4 Datasheet
475Kb / 5P
Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable 4 Inch Length Using RG316-DS Coax
PE3C4057-6 PASTERNACK-PE3C4057-6 Datasheet
475Kb / 5P
Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable 6 Inch Length Using RG316-DS Coax
More results

Similar Description - PE3C4057

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C4023 PASTERNACK-PE3C4023 Datasheet
443Kb / 5P
Snap-On MMBX Plug to N Female Bulkhead Cable Using RG316 Coax
PE3C4024 PASTERNACK-PE3C4024 Datasheet
443Kb / 5P
Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable Using RG316 Coax
PE3C4049 PASTERNACK-PE3C4049 Datasheet
463Kb / 5P
Snap-On MMBX Plug to Snap-On MMBX Plug Right Angle Cable Using RG316-DS Coax
PE3C4050 PASTERNACK-PE3C4050 Datasheet
462Kb / 5P
Snap-On MMBX Plug Right Angle to Snap-On MMBX Plug Right Angle Cable Using RG316-DS Coax
PE3C4051 PASTERNACK-PE3C4051 Datasheet
469Kb / 5P
Snap-On MMBX Plug to SMA Female Bulkhead Cable Using RG316-DS Coax
PE3C4052 PASTERNACK-PE3C4052 Datasheet
469Kb / 5P
Snap-On MMBX Plug Right Angle to SMA Female Bulkhead Cable Using RG316-DS Coax
PE3C4056 PASTERNACK-PE3C4056 Datasheet
474Kb / 5P
Snap-On MMBX Plug to N Female Bulkhead Cable Using RG316-DS Coax
PE3C4058 PASTERNACK-PE3C4058 Datasheet
472Kb / 5P
Snap-On MMBX Plug to TNC Female Bulkhead Cable Using RG316-DS Coax
PE3C4059 PASTERNACK-PE3C4059 Datasheet
472Kb / 5P
Snap-On MMBX Plug Right Angle to TNC Female Bulkhead Cable Using RG316-DS Coax
PE3C4063 PASTERNACK-PE3C4063 Datasheet
465Kb / 5P
Snap-On MMBX Plug Right Angle to SMA Female Cable Using RG316-DS Coax
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com