Electronic Components Datasheet Search
  English  ▼

X  

IXTT4N150HV Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTT4N150HV
Description  N-Channel Enhancement Mode Fast Intrinsic Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTT4N150HV Datasheet(HTML) 2 Page - IXYS Corporation

  IXTT4N150HV Datasheet HTML 1Page - IXYS Corporation IXTT4N150HV Datasheet HTML 2Page - IXYS Corporation IXTT4N150HV Datasheet HTML 3Page - IXYS Corporation IXTT4N150HV Datasheet HTML 4Page - IXYS Corporation IXTT4N150HV Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTA4N150HV
IXTT4N150HV
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or moreof the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Note
1. Pulse test, t
≤ 300μs, duty cycle, d ≤ 2%.
TO-268 (HV) Outline
PIN:
1 - Gate
2 - Source
3 - Drain
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 20V, ID = 0.5 • ID25, Note 1
2.8
4.6
S
C
iss
1576
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
105
pF
C
rss
35
pF
t
d(on)
19
ns
t
r
23
ns
t
d(off)
42
ns
t
f
22
ns
Q
g(on)
44.5
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
7.7
nC
Q
gd
21.7
nC
R
thJC
0.45
°C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
4
A
I
SM
Repetitive, Pulse Width Limited by T
JM
16
A
V
SD
I
F = IS, VGS = 0V, Note 1
1.3
V
t
rr
0.9
μs
I
RM
15.0
A
Q
RM
6.7
μC
I
F = 2A, -di/dt = 100A/μs
V
R = 100V, VGS = 0V
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
R
G = 5Ω (External)
PRELIMANARY TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are
derived from a subjective evaluation of the design, based upon prior knowledge and experi-
ence, and constitute a "considered reflection" of the anticipated result. IXYS reserves the right
to change limits, test conditions, and dimensions without notice.
TO-263 (HV) Outline
PIN: 1 - Gate
2 - Source
3 - Drain



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com