Electronic Components Datasheet Search
  English  ▼

X  

DCMAW1 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # DCMAW1
Description  1 Watt DC/DC Power Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMAW1 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  DCMAW1 Datasheet HTML 1Page - Wall Industries,Inc. DCMAW1 Datasheet HTML 2Page - Wall Industries,Inc. DCMAW1 Datasheet HTML 3Page - Wall Industries,Inc. DCMAW1 Datasheet HTML 4Page - Wall Industries,Inc. DCMAW1 Datasheet HTML 5Page - Wall Industries,Inc. DCMAW1 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Rev A
DCMAW1 SERIES
1 Watt DC/DC Power Converters
12/06/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 6
TEST
CONFIGURATIONS
Input Reflected-Ripple Current Test Setup
Input reflected-
ripple current is measured with an inductor Lin (4.7µH) and Cin (220µF, ESR < 1.0Ω at 100 KHz) to simulate
source impedance. Capacitor Cin offsets possible battery impedance. Current ripple is measured at the input terminals of the
module. Measurement bandwidth is 0-500 KHz.
Peak-to-Peak Output Noise Measurement Test
Use a 0.47µF ceramic capacitor. Scope measurement should be made by using a BNC socket, measurement bandwidth is 0-
20MHz. Position the load between 50mm and 75mm from the DC/DC converter.
DESIGN & FEATURE
CONSIDERATIONS
Maximum Capacitive Load
The DCMAW1 series has a limitation of maximum connected capacitance on the output. The power module may be operated
in current limiting mode during start-up, affecting the ramp-up and the start-up time. The maximum capacitance can be found
in the model selection table.
Over Current Protection
To provide protection in a fault (output overload) condition, the unit is equipped with internal current limiting circuitry and can
endure overload for an unlimited duration. At the point of current-limit inception, the unit shifts from voltage control to current
control. The unit operates normally once the output current is brought back into its specified range.
Input Source Impedance
The power module should be connected to a low ac-impedance input source. Highly inductive source impedances can affect
the stability of the power module.
In applications where power is supplied over long lines and output loading is high, it may be necessary to use a capacitor at
the input to ensure startup.
A Capacitor mounted close to the power module helps ensure stability of the unit, it is recommended to use a good quality
low Equivalent Series Resistance (ESR < 1
.0Ω at 100KHz) capacitor of 8.2µF for 5VDC nominal input models, a 3.3µF for
12VDC input models, and a 1.5µF for 24VDC and 48VDC input models.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com