Electronic Components Datasheet Search
  English  ▼

X  

DCMSW1 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # DCMSW1
Description  1 Watt DC/DC Power Converters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMSW1 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  DCMSW1 Datasheet HTML 1Page - Wall Industries,Inc. DCMSW1 Datasheet HTML 2Page - Wall Industries,Inc. DCMSW1 Datasheet HTML 3Page - Wall Industries,Inc. DCMSW1 Datasheet HTML 4Page - Wall Industries,Inc. DCMSW1 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev A
DCMSW1 SERIES
1 Watt DC/DC Power Converters
12/17/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 5
TEST SETUP
Input Reflected-Ripple Current Test Setup
Input reflected-
ripple current is measured with an inductor Lin (4.7µH) and Cin (220µF, ESR < 1.0Ω at 100 KHz) to simulate
source impedance. Capacitor Cin offsets possible battery impedance. Current ripple is measured at the input terminals of the
module. Measurement bandwidth is 0-500 KHz.
Peak-to-Peak Output Noise Measurement Test
Use a 0.47µF ceramic capacitor. Scope measurement should be made by using a BNC socket, measurement bandwidth is 0-
20MHz. Position the load between 50mm and 75mm from the DC/DC converter.
DESIGN & FEATURE CONSIDERATIONS
Remote On/Off
Negative logic remote on/off turns the module OFF during a logic high voltage on the remote on/off pin and ON during a logic
low. To turn the module on and off, the user must supply a switch to control the voltage between the on/off terminal and the –
Vin terminal. The switch can be an open coll
ector or equivalent. A logic high is 2~4mA current applied via 1KΩ resistor. A
logic low is open circuit or high impedance.
Maximum Capacitive Load
The DCMSW1 series has a limitation of maximum connected capacitance on the output. The power module may be operated
in current limiting mode during start-up, affecting the ramp-up and the start-up time. The maximum capacitance can be found
in the Model Selection Table.
Over Current Protection
To provide protection in a fault (output overload) condition, the unit is equipped with internal current limiting circuitry and can
endure overload for an unlimited duration. At the point of current-limit inception, the unit shifts from voltage control to current
control. The unit operates normally once the output current is brought back into its specified range.
Output Ripple Reduction
A good quality low ESR capacitor placed as close as possible across the load will give the best ripple and noise performance.
To reduce output ripple, it is recommended to use 3.3µF capacitors at the output.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com