Electronic Components Datasheet Search
  English  ▼

X  

LANE Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # LANE
Description  1 Watts DC/DC Power Converters Single and Dual Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANE Datasheet(HTML) 3 Page - Wall Industries,Inc.

  LANE Datasheet HTML 1Page - Wall Industries,Inc. LANE Datasheet HTML 2Page - Wall Industries,Inc. LANE Datasheet HTML 3Page - Wall Industries,Inc. LANE Datasheet HTML 4Page - Wall Industries,Inc. LANE Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev G
LAN E SERIES
1 Watts
DC/DC Power Converters
Single and Dual Outputs
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 5
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
Vo, Io Nom
±10
%
Input Filter
Capacitor
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Tolerance
100% Full Load
±5
%
Line Regulation
For 1% of Vin
1.2
%
Load Regulation
10% to 100% Full Load
3.3V & 5V output models
15
%
9V, 12V, 15V, 24V
10
Output Power
See Table
Output Current
See Table
Ripple & Noise
BW=DC to 20MHz
100
mVp-p
Transient Response Setting Time
50% load step change
350
µS
PROTECTION
Short Circuit Protection
Short term
1
Sec
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature
-40
+85
ºC
Humidity
Non-Condensing
95
%
Cooling
Free Air Convection
MTBF
MIL-HDBK-217F @25ºC
3,500,000
Hours
GENERAL SPECIFICATIONS
Efficiency(2)
See Table
Switching Frequency
Full Load, Nominal Input
100
KHz
Isolation Resistance
500VDC
1000
M
Ω
PHYSICAL SPECIFICATIONS
Weight
Package 1
0.074oz (2.1g)
Package 2 (“P” suffix)
0.095oz (2.7g)
Dimensions (L x W x H)
Package 1
0.77in x 0.24in x 0.39in (19.5mm x 6mm x 10mm)
Package 2 (“P” suffix)
0.77in x 0.28in x 0.39in (19.5mm x 7.1mm x 10mm)
Case Material
DAP
SAFETY
Safety Approvals
Single Outputs
UL 60950
NOTES
(1)
Add “P” to end of model number to indicate Package 2 type.
3.3VDC output voltage is only available for Package 1 type.
48VDC nominal input voltage models are only available for Package 2 type.
(2)
As the input voltage increases there will be an increase in efficiency.
*Due to advances in technology, specifications are subject to change without notice.
DERATING CURVES
Temperature Derating Graph
Tolerance Envelope Graph



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com